Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL3406B-2.5V Datasheet(PDF) 9 Page - SHANGHAI BELLING CO., LTD.

Part # BL3406B-2.5V
Description  1.5 MHz, 800mA Synchronous Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL3406B-2.5V Datasheet(HTML) 9 Page - SHANGHAI BELLING CO., LTD.

Back Button BL3406B-2.5V Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL3406B-2.5V Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL3406B-2.5V Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL3406B-2.5V Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL3406B-2.5V Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL3406B-2.5V Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL3406B-2.5V Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL3406B-2.5V Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL3406B-2.5V Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PPMIC BU
www.belling.com.cn
BL3406B Rev 1.5
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
10/2009
©2009 Belling All Rights Reserved
9
BL3406B
1.5 MHz, 800mA Synchronous Buck Converter
frequency. Ceramic capacitors with X5R or
X7R dielectrics are recommended due to
their low ESR and high ripple current. The
output ripple ∆VOUT is determined by:


×
×
+
×
×
×
×
2
8
1
)
(
C
f
ESR
L
f
V
V
V
V
V
OSC
OSC
IN
OUT
IN
OUT
OUT
Layout Considerations
When laying out the printed circuit board, the
following checklist should be used to ensure
proper operation of the BL3406B. These
items
are
also
illustrated
graphically
in
Figures 5 and 6. Check the following in your
layout:
1. The power traces, consisting of the GND
trace, the SW trace and the VIN trace
should be kept short, direct and wide.
2. Does the VFB pin connect directly to the
feedback resistors? The resistive divider
R1/R2 must be connected between the (+)
plate of Cout and ground.
3. Does the (+) plate of CIN connect to VIN as
closely
as
possible?
This
capacitor
provides the AC current to the internal
power MOSFETS.
4. Keep the switching node, SW, away from
the sensitive VFB node.
5. Keep the (-) plates of CIN and COUT as
close as possible.
Figure 3. BL3406B-ADJ Layout Circuit
Figure 4. BL3406B-1.8 Layout Circuit
Figure 5. BL3406B-ADJ Suggested Layout
Figure 6. BL3406B-1.8 Suggested Layout
Run
GND
SW
V
IN
V
FB
BL3406B-ADJ
4
1
2
3
5
L1
2.2 H
C3
10uF
C2
22pF
R2
200k
R1
100k
V
OUT1.8V
VIN
2.7V - 4.2V
C1
4.7uF
Run
GND
SW
V
IN
V
OUT
BL3406B-18
4
1
2
3
5
L1
2.2 H
C2
10uF
V
OUT1.8V
VIN
2.7V - 4.2V
C1
4.7uF


Similar Part No. - BL3406B-2.5V

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL34018 BELLING-BL34018 Datasheet
572Kb / 16P
   BL34018
More results

Similar Description - BL3406B-2.5V

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9328 BELLING-BL9328 Datasheet
338Kb / 10P
   1.5 MHz, Dual 800mA Synchronous Buck Converter
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
   1.5 MHz, 1A Synchronous Buck Converter
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
   800mA 1.5MHz 7V Synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1466 FS-FTD1466 Datasheet
671Kb / 7P
   60V 800mA 480KHz synchronous Buck Converter
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
   800mA Synchronous Buck Step-Down Converter
logo
First Silicon Co., Ltd
FTD1469 FS-FTD1469 Datasheet
795Kb / 8P
   40V, 800mA, 1.2MHz Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com