Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL59A66 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL59A66
Description  The BL59A66 is a low-current BiCMOS circuit providing all of the features
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL59A66 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL59A66 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL59A66 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL59A66 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL59A66 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BL59A66 datasheet
1. Introduction:
The BL59A66 is a low-current BiCMOS circuit providing all of the features for a photoelectric
type smoke detector. BL59A66 can be used in conjunction with an infrared photoelectric chamber to
sense scattered light from smoke particles. Special features are incorporated in the design to facilitate
calibration and testing of the finished detector.
2.1 Applied Area:
Photoelectric Type Smoke Detector System。
2.2
Features:
2.2.1
6 V to 12 V Operating Voltage Range
2.2.2
Internal Timer & Control for Reduced Sensitivity
2.2.3
Supply Voltage current:0~10uA
2.2.4
Operating Temperature Range:-25~75℃
2.2.5
Power-ON Reset
2.2.6
ESD and Latch-up Protection Circuitry on All Pins
2.2.7
Piezoelectric Horn Driver
2.2.8
Interconnect Up to 50 Detectors
2.2.9
Continuous Modulated Tone Output For a Local or Remote Alarm Condition
2.3
FUNCTIONAL BLOCK DIAGRAM
2.4 Pin Description
2.5
Pin function


Similar Part No. - BL59A66

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL59A65 BELLING-BL59A65 Datasheet
145Kb / 11P
   Photo Smoke Detector Control IC with hush
More results

Similar Description - BL59A66

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5366 ALLEGRO-A5366 Datasheet
322Kb / 13P
   The A5366 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
A5358 ALLEGRO-A5358 Datasheet
326Kb / 13P
   The A5358 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
A5348 ALLEGRO-A5348 Datasheet
282Kb / 9P
   The A5348 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
A5367 ALLEGRO-A5367 Datasheet
281Kb / 10P
   The A5367 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
List of Unclassifed Man...
AO22 ETC-AO22 Datasheet
10Kb / 1P
   circuit providing the logical function
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Maxim Integrated Produc...
DS28E80EVKIT MAXIM-DS28E80EVKIT Datasheet
5Mb / 28P
   Demonstrates the Features of the DS28E80 IC
Rev 0; 11/14
MAXQ1065EVKIT MAXIM-MAXQ1065EVKIT Datasheet
5Mb / 9P
   Demonstrates the Features of the MAXQ1065 Socket Board
Rev 2; 6/21
logo
NXP Semiconductors
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
   The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com