Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV12816EDBLL Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS64WV12816EDBLL
Description  128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV12816EDBLL Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS64WV12816EDBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV12816EDBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV12816EDBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV12816EDBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV12816EDBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV12816EDBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64WV12816EDBLL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS64WV12816EDBLL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS64WV12816EDBLL Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
09/29/2011
IS61/64WV12816EDBLL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (OverOperatingRange)
-8
-10
-20
Symbol
Parameter
Min. Max.
Min. Max.
Min.
Max.
Unit
twc
WriteCycleTime
8—
10—
20—
ns
tsce
CE
toWriteEnd
6.5—
8—
12—
ns
taw
AddressSetupTime
6.5—
8—
12—
ns
toWriteEnd
tHa
AddressHoldfromWriteEnd
0—
0—
0—
ns
tsa
AddressSetupTime
0—
0—
0—
ns
tPwb
LB
,UBValidtoEndofWrite
6.5—
8—
12—
ns
tPwe1
WE
PulseWidth
6.5—
8—
12—
ns
tPwe2
WE
PulseWidth(OE=LOW)
8—
10—
17—
ns
tsd
DataSetuptoWriteEnd
5—
6—
9—
ns
tHd
DataHoldfromWriteEnd
0—
0—
0—
ns
tHzwe(2)
WE
LOWtoHigh-ZOutput
—3.5
—5
—9
ns
tLzwe(2)
WE
HIGHtoLow-ZOutput
2—
2—
3—
ns
Notes:
1. TestconditionsandoutputloadingconditionsarespecifiedintheACTestConditionsandACTestLoads(Figure1).
2. TestedwiththeloadinFigure2.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.
3. TheinternalwritetimeisdefinedbytheoverlapofCELOWandUBorLB,andWELOW.Allsignalsmustbeinvalidstates
toinitiateaWrite,butanyonecangoinactivetoterminatetheWrite.TheDataInputSetupandHoldtimingarereferencedto
therisingorfallingedgeofthesignalthatterminatesthewrite.Shadedareaproductindevelopment


Similar Part No. - IS64WV12816EDBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV12816BLL ISSI-IS64WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS64WV12816BLL-15BA3 ISSI-IS64WV12816BLL-15BA3 Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS64WV12816BLL-15TA3 ISSI-IS64WV12816BLL-15TA3 Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS64WV12816BLL-15TLA3 ISSI-IS64WV12816BLL-15TLA3 Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS64WV12816DBLL ISSI-IS64WV12816DBLL Datasheet
272Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS64WV12816EDBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV6416EEBLL ISSI-IS61WV6416EEBLL Datasheet
943Kb / 15P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV2568EDBLL ISSI-IS61WV2568EDBLL Datasheet
657Kb / 14P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL ISSI-IS61WV5128EDBLL Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL-10TLI ISSI-IS61WV5128EDBLL-10TLI Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com