Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL6533 Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL6533
Description  Single Phase, LCD, Energy Meter IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6533 Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

Back Button BL6533 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BL6533
BL6533
BL6533
BL6533
Single Phase Energy Meter IC with LCD
Single Phase Energy Meter IC with LCD
Single Phase Energy Meter IC with LCD
Single Phase Energy Meter IC with LCD D
DD
Driver
river
river
river
http://www.belling.com.cn
- 7 -
9/9/2009
Total 10 Pages
The average active power is related to the cosine value of the phase difference between the voltage
signal and the current signal. This cosine value is called as Power Factor (PF) of the two channel signals.
Figure1.
The Effect of phase
When the signal phase difference between the voltage and current channels is more than 90
°, the
average active power is negative. It indicates the user is using the electrical energy reversely.
Operation Process
In BL6533, the two ADCs digitize the voltage signals from the current and voltage transducers. These
ADCs are 16-bit second order sigma-delta with an oversampling rate of 900 kHz. This analog input
structure greatly simplifies transducer interfacing by providing a wide dynamic range for direct
connection to the transducer and also simplifying the antialiasing filter design. A programmable gain
stage in the current channel further facilitates easy transducer interfacing. A high pass filter in the
current channel removes any dc component from the current signal. This eliminates any inaccuracies in
the real power calculation due to offsets in the voltage or current signals.
The real power calculation is derived from the instantaneous power signal. The instantaneous power
signal is generated by a direct multiplication of the current and voltage signals. In order to extract the
real power component (i.e., the dc component), the instantaneous power signal is low-pass filtered.
Figure 2 illustrates the instantaneous real power signal and shows how the real power information can be
extracted by low-pass filtering the instantaneous power signal. This scheme correctly calculates real
power for nonsinusoidal current and voltage waveforms at all power factors. All signal processing is
carried out in the digital domain for superior stability over temperature and time.


Similar Part No. - BL6533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A Datasheet
423Kb / 11P
   BL6501A
BL6501A BELLING-BL6501A Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6502 BELLING-BL6502 Datasheet
441Kb / 11P
   BL6502
More results

Similar Description - BL6533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com