Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2085M Datasheet(PDF) 10 Page - Sony Corporation

Part # CXD2085M
Description  ID-1 Detection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2085M Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXD2085M Datasheet HTML 3Page - Sony Corporation CXD2085M Datasheet HTML 4Page - Sony Corporation CXD2085M Datasheet HTML 5Page - Sony Corporation CXD2085M Datasheet HTML 6Page - Sony Corporation CXD2085M Datasheet HTML 7Page - Sony Corporation CXD2085M Datasheet HTML 8Page - Sony Corporation CXD2085M Datasheet HTML 9Page - Sony Corporation CXD2085M Datasheet HTML 10Page - Sony Corporation CXD2085M Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
– 10 –
CXD2085M
Application Circuit
For 1Vp-p input amplitude not using the I2C bus
AVSS
VDD
AVDD
ISET
Decoding result
output
CXD2085M
22p
22p
14.3MHz
33k
2.2k
VDD = 5.0V
± 5%
≈ 16mA
10
100
0.1
µ
47
µ
Vin
1000p
470
1.0Vp-p
100 IRE
0 IRE
–40 IRE
4.7k
10k
100
1
µ
VSIN
VDIN
XO
VSS
TST
O169
OLBX
SCL
SDA
MCON
XRST
XI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.


Similar Part No. - CXD2085M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2027Q SONY-CXD2027Q Datasheet
465Kb / 32P
   DBS Audio Signal Processor
CXD2027R SONY-CXD2027R Datasheet
465Kb / 32P
   DBS Audio Signal Processor
CXD2043 SONY-CXD2043 Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
More results

Similar Description - CXD2085M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2053AM SONY-CXD2053AM Datasheet
196Kb / 14P
   Auto Wide, EDTV-II ID Detection, ID-1 Detection
logo
Maxim Integrated Produc...
MAX20330AEVKIT MAXIM-MAX20330AEVKIT Datasheet
766Kb / 9P
   USB or 3.5mm Jack ID Detection
Rev 1; 2/19
logo
SparkFun Electronics
ROB-12130 SPARKFUN-ROB-12130 Datasheet
90Kb / 1P
   Smooth Belt - 1/8D (3.5 ID)
2/10/2016
ROB-12458 SPARKFUN-ROB-12458 Datasheet
92Kb / 1P
   Smooth Belt - 1/8D (11 ID)
2/10/2016
ROB-12420 SPARKFUN-ROB-12420 Datasheet
90Kb / 1P
   Smooth Belt - 1/8D (6.5 ID)
2/10/2016
ROB-12235 SPARKFUN-ROB-12235 Datasheet
98Kb / 1P
   Smooth Belt - 1/8D (5.5 ID)
2/10/2016
ROB-12202 SPARKFUN-ROB-12202 Datasheet
94Kb / 1P
   Smooth Belt - 1/8D (7.5 ID)
2/10/2016
ROB-12526 SPARKFUN-ROB-12526 Datasheet
96Kb / 2P
   Smooth Belt - 1/8D (13 ID)
2/10/2016
ROB-12370 SPARKFUN-ROB-12370 Datasheet
90Kb / 1P
   Smooth Belt - 1/8D (2.5 ID)
2/10/2016
ROB-12446 SPARKFUN-ROB-12446 Datasheet
90Kb / 1P
   Smooth Belt - 1/8D (12 ID)
2/10/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com