Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2073Q Datasheet(PDF) 10 Page - Sony Corporation

Part # CXD2073Q
Description  Digital Comb Filter (NTSC)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2073Q Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXD2073Q Datasheet HTML 3Page - Sony Corporation CXD2073Q Datasheet HTML 4Page - Sony Corporation CXD2073Q Datasheet HTML 5Page - Sony Corporation CXD2073Q Datasheet HTML 6Page - Sony Corporation CXD2073Q Datasheet HTML 7Page - Sony Corporation CXD2073Q Datasheet HTML 8Page - Sony Corporation CXD2073Q Datasheet HTML 9Page - Sony Corporation CXD2073Q Datasheet HTML 10Page - Sony Corporation CXD2073Q Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
– 10 –
CXD2073Q
Example of Representative Characteristics
CXD2073Q
AYO
ADIN
Input
1
VRF [V]
Analog I/O amplitude ratio vs. VRF pin voltage
0.5
1.0
1.5
2
25
Ta – Ambient temperature [°C]
Output full-scale voltage vs. Ambient temperature
1.90
1.95
0
0.5
Frequency [MHz]
AYO (Y output) frequency response
–1
0
–2
Input signal peak-to-peak voltage
≤ 1.75V
50
75
–25
0
1
2
5
Gain for f = f [MHz]
Gain for f = 0.5 [MHz]
D/A output amplitude
A/D input amplitude
CXD2073Q
AYO
ADIN
Input
VRF
Input amplitude
Output amplitude
R
200
R
200
VDD = 5V
VRF = 2V
IRF = 3.3k
R = 200


Similar Part No. - CXD2073Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2073 SONY-CXD2073 Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
More results

Similar Description - CXD2073Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2093Q SONY-CXD2093Q Datasheet
235Kb / 15P
   Digital Comb Filter (NTSC)
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
logo
NXP Semiconductors
TDA9183 PHILIPS-TDA9183 Datasheet
106Kb / 24P
   Integrated NTSC comb filter
2000 Nov 30
SAA4963 PHILIPS-SAA4963 Datasheet
116Kb / 20P
   Integrated NTSC comb filter
1997 Mar 03
logo
Sony Corporation
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
Zoran Corporation
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
NXP Semiconductors
SAA7152 PHILIPS-SAA7152 Datasheet
69Kb / 15P
   Digital Video Comb Filter DCF
August 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com