Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL75R05 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL75R05
Description  The BL75R05 IC is a dedicated chip for intelligent label applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL75R05 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL75R05 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL75R05 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL75R05 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL75R05 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL75R05 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BL75R05 13.56MHZ Long range
RFID Label IC
http://www.belling.com.cn
Description
The BL75R05 IC is a dedicated chip for intelligent label applications like supply
chain management as well as baggage and parcel identification in airline business and
mail services. The BL75R05 is designed for long range applications. BL75R05 IC can
be operated without line of sight up to a distance of 60cm (gate width). No battery is
needed. When the smart label is positioned in the field of an interrogator antenna, the
high speed RF communication interface allows to transmit data with up to 53kbit/s.
An intelligent anti-collision function allows to operate more than one tag in the field
simultaneously. Unique Identifiers, which can not be altered, guarantee the uniqueness
of each label.
Features
RF Interface (ISO/IEC 15693 compliant)
Contact-less transmission of data and supply energy (no battery needed)
Operating distance: up to 60cm (depending on antenna geometry)
Operating frequency: 13.56 MHz
Fast data transfer: up to 53 kbit/s
High data integrity: 16 Bit CRC, framing
True anti-collision
Electronic Article Surveillance (EAS)
Application Family Identifier (AFI) supported
Data Storage Format Identifier (DSFID)
Additional fast anti-collision read
Write distance equal to read distance
1024 bits EEPROM, organized in 32 blocks of 4 byte each
Data retention of 10 years
Write endurance 100.000 cycles
Unique identifier for each device
Lock mechanism for each user memory block (write protection)
Lock mechanism for DSFID, AFI, EAS
Functional Description
Block Diagram
- 1 -
12/18/2007
RF
An alog
Inerface
Power Circut
Rectifier
Clock extractive
Power O n Reset
Voltage Regulator
Data
Operation
Mode
EEPROM
cell
IO
Comm-
and
Anti-
collision
Memory
Access
Power
Clock
LB
LA
Total 5 Pages
Wrote by ICCD


Similar Part No. - BL75R05

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL75R02 BELLING-BL75R02 Datasheet
185Kb / 5P
   BL75R02
BL75R04 BELLING-BL75R04 Datasheet
256Kb / 5P
   BL75R04
BL75R04SM BELLING-BL75R04SM Datasheet
144Kb / 3P
   BL75R04SM is a ISO15693 full-compliant IC for intelligent label application
BL75R06 BELLING-BL75R06 Datasheet
262Kb / 7P
   BL75R06
BL75R06SM BELLING-BL75R06SM Datasheet
379Kb / 9P
   BL75R06SM Contactless smart card chip consists of the RF-Interface
More results

Similar Description - BL75R05

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL75R04SM BELLING-BL75R04SM Datasheet
144Kb / 3P
   BL75R04SM is a ISO15693 full-compliant IC for intelligent label application
logo
Nuvoton Technology Corp...
W567BXXX NUVOTON-W567BXXX Datasheet
494Kb / 13P
   The W567Bxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis applications.
N567K081 NUVOTON-N567K081 Datasheet
519Kb / 11P
   The N567K081 is a powerful microcontroller (uC) dedicated to speech and melody synthesis applications.
logo
STMicroelectronics
AN2691 STMICROELECTRONICS-AN2691 Datasheet
131Kb / 10P
   RPD is a dedicated timing pin for the return-from-power-down circuit
logo
PHOENIX CONTACT
0804195 PHOENIX-0804195 Datasheet
57Kb / 3P
   The EML-RM label is ideal for temporary marking.
logo
STMicroelectronics
AN2340 STMICROELECTRONICS-AN2340 Datasheet
121Kb / 10P
   RPD is a dedicated timing pin for the return from Power Down circuit
logo
NXP Semiconductors
SL1ICS3001 PHILIPS-SL1ICS3001 Datasheet
376Kb / 22P
   I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3101 PHILIPS-SL1ICS3101 Datasheet
373Kb / 22P
   I.CODE1 Label IC 97pF Chip Specification
July 2000
logo
King blillion Electroni...
HE83R125 KB-HE83R125 Datasheet
322Kb / 18P
   This chip is suitable for the applications that require higher performance
logo
Nuvoton Technology Corp...
N567KXXX NUVOTON-N567KXXX Datasheet
638Kb / 15P
   The N567Kxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com