Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL24C64 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL24C64
Description  The device is optimized for use in many industrial and commercial applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL24C64 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL24C64 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL24C64 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL24C64 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL24C64 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL24C64 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL24C64 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL24C64 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL24C64 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL24C64 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Shanghai Belling Corp., Ltd
BL24C32/64
4
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must precede any
other command (see Figure 2
).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the
stop command will place the EEPROM in a standby power mode (see Figure 2)
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words.
The EEPROM sends a “0” to acknowledge that it has received each word. This happens during the ninth clock cycle.
STANDBY MODE: The 24C32/24C64 features a low-power standby mode which is enabled: (a) upon power-up
and (b) after the receipt of the STOP bit and the completion of any internal operations
MEMORY RESET: After an interruption in protocol, power loss or system reset, any two-wire part can be reset by
following these steps:
1.
Clock up to 9 cycles.
2.
Look for SDA high in each cycle while SCL is high.
3.
Create a start condition.
Figure 1.
Data Validity
Figure 2.
Start and Stop Definition


Similar Part No. - BL24C64

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL24C64A BELLING-BL24C64A Datasheet
587Kb / 17P
   Random and sequential Read modes
More results

Similar Description - BL24C64

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL24C02 BELLING-BL24C02 Datasheet
367Kb / 15P
   The device is optimized for use in many industrial and commercial applications
BL24C128 BELLING-BL24C128 Datasheet
373Kb / 14P
   The device is optimized for use in many industrial and commercial applications
logo
Macronix International
MX10F201FC MCNIX-MX10F201FC Datasheet
244Kb / 47P
   High-Performance and Low Power Microcontroller designed for Use Many Applications
logo
3M Electronics
4941 3M-4941 Datasheet
796Kb / 9P
   Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
logo
National Semiconductor ...
LMH0026 NSC-LMH0026_1 Datasheet
161Kb / 4P
   Replacing the CLC016 Replacing the CLC016 reclocker in many applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
International Rectifier
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF_15 Datasheet
325Kb / 10P
   Device optimized for induction heating and soft switching applications
logo
Sangdest Microelectroni...
SK2U150 SMC-SK2U150 Datasheet
276Kb / 4P
   Optimized for power conversion: welding and industrial SMPS applications
logo
Tiger Electronic Co.,Lt...
2SB1151 TGS-2SB1151 Datasheet
59Kb / 1P
   It is intented for use in power amplifier and switching applications.
2SB772 TGS-2SB772 Datasheet
64Kb / 1P
   It is intented for use in power amplifier and switching applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com