Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN2116MFV Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # RN2116MFV
Description  Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2116MFV Datasheet(HTML) 4 Page - Toshiba Semiconductor

  RN2116MFV Datasheet HTML 1Page - Toshiba Semiconductor RN2116MFV Datasheet HTML 2Page - Toshiba Semiconductor RN2116MFV Datasheet HTML 3Page - Toshiba Semiconductor RN2116MFV Datasheet HTML 4Page - Toshiba Semiconductor RN2116MFV Datasheet HTML 5Page - Toshiba Semiconductor RN2116MFV Datasheet HTML 6Page - Toshiba Semiconductor RN2116MFV Datasheet HTML 7Page - Toshiba Semiconductor RN2116MFV Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RN2114MFV
∼RN2118MFV
2009-04-17
4
IC - VI(OFF)
-10
-100
-1000
-10000
-0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-1.4
INPUT VOLTAGE VI(OFF) ( V)
25
-25
Ta = 100°C
COMMON EMITTER
VCE = -5V
RN2114MFV
0
IC - VI(OFF)
-10
-100
-1000
-10000
-0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-1.4
INPUT VOLTAGE VI(OFF) ( V)
25
-25
COMMON EMITTER
VCE = -5V
Ta = 100°C
RN2115MFV
0
IC - VI(OFF)
-10
-100
-1000
-10000
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-1.4
-1.6
INPUT VOLTAGE VI(OFF) ( V)
25
-25
Ta = 100°C
COMMON EMITTER
VCE = -5V
RN2116MFV
IC - VI(OFF)
-10
-100
-1000
-10000
-0.8
-1.2
-1.6
-2
-2.4
-2.8
-3.2
INPUT VOLTAGE VI(OFF) ( V)
25
-25
COMMON EMITTER
VCE = -5V
Ta = 100°C
RN2117MFV
IC - VI(OFF)
-10
-100
-1000
-10000
-1
-2
-3
-4
-5
-6
INPUT VOLTAGE VI(OFF) ( V)
25
-25
COMMON EMITTER
VCE = -5V
Ta = 100°C
RN2118MFV


Similar Part No. - RN2116MFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2116 TOSHIBA-RN2116 Datasheet
275Kb / 8P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN2116MFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2131MFV TOSHIBA-RN2131MFV Datasheet
171Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2961CT TOSHIBA-RN2961CT Datasheet
219Kb / 8P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1967CT TOSHIBA-RN1967CT Datasheet
154Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49J2FS TOSHIBA-RN49J2FS Datasheet
175Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49J7FS TOSHIBA-RN49J7FS Datasheet
137Kb / 4P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1101CT TOSHIBA-RN1101CT Datasheet
173Kb / 8P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1112ACT TOSHIBA-RN1112ACT Datasheet
160Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1112CT TOSHIBA-RN1112CT Datasheet
160Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN47A7JE TOSHIBA-RN47A7JE Datasheet
229Kb / 7P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49A6FS TOSHIBA-RN49A6FS Datasheet
164Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1673 TOSHIBA-RN1673 Datasheet
217Kb / 4P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com