Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8588 Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL8588
Description  High Efficiency Charge Pump 4-Channels LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8588 Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

  BL8588 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.belling.com.cn
6
BL8588
DETAIL DESCRIPTION
Startup sequence
The BL8588 starts to work only when VIN
powered on and the EN pin became high
after a delay, the delay time is at least 4us.
EN pin is not allowed to connect to VIN
directly or keep it floating.
The BL8588 starts with 1X mode, the output
follows closely to the supply voltage. If the
average voltage of pin D1 to D4 falls below
0.25V the IC switches to 1.5X mode, and it
can automatically switch back to 1X mode
when the input voltage is higher than 3.7V.
PWM dimming control
If the frequency of the PWM signal to the EN
pin is less than 5KHz, the average LED
current is proportional to the duty cycle of the
PWM signal, and the EN works as a simple
on/off control. A high level turns on and a low
shuts down the LEDs. There is a delay time
between the input PWM signal and the output
LED current waveform, as shown in Fig.5, the
TD is about 20uS.
I_LED
20mA
Td=20uS
ON duty
Td=20uS
EN
Fig. 5 PWM Dimming Control
EN dimming control
The LEDs’ brightness can also be controlled
by the pulses applied to the EN pin, Refer to
the Fig. 6. Inside the device there is a 4-bit
counter connecting to the EN pin. The LED
current can be programmed up to 16 levels
depends on the number of rise edges of the
input waveform. A high level input (“1”) with
pulse width wider than 20uS is regarded as a
signal to stop the build-in counter. The time
between two wide high levels (more than
20uS) is a counting period. When some rise
edges occur between two high level pulses of
20us, the equation as shown below can
calculate the active pulse number, called
Code_No.
)
16
,
(
_
N
Mod
No
Code
=
,
In the equation, N is the number of rise edges
of the input waveform and mod function
returns the remainder of N divided by 16. For
example, if N=0, 16, or other integral multiple
of 16, the mod function returns a value of 0, if
N=1, 17 or other integral multiple of 16 plus 1,
the mod function returns a value of 1, and so
on.
The relationship between LEDs’ brightness
and the Code_No is listed as the following
table.
Code No
ISET/20mA
Code No
ISET/20mA
0
0
8
8/15
1
1
9
7/15
2
14/15
10
6/15
3
13/15
11
5/15
4
12/15
12
4/15
5
11/15
13
3/15
6
10/15
14
2/15
7
9/15
15
1/15
The frequency of the input pulse should be
lower than 100KHz, and the width of the high
level and low level larger than 4uS to prevent
false trigger.
Code_No=1
Code_No=4
Iset/20mA=15/15
20uS
20uS
EN
I_LE
D
Iset/20mA=12/15
Fig. 6 Linear current Dimming Control


Similar Part No. - BL8588

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8580 BELLING-BL8580 Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
BL8580/1 BELLING-BL8580/1 Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
BL8580PRC BELLING-BL8580PRC Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
BL8581A BELLING-BL8581A Datasheet
392Kb / 7P
   PWM or Singl-Wire Dimming, 4-Channels WLED Linear Driver
BL8581PS BELLING-BL8581PS Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
More results

Similar Description - BL8588

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8587 BELLING-BL8587 Datasheet
283Kb / 8P
   High Efficiency Charge Pump 4-Channels LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Monolithic Power System...
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
   4-Channel Charge-Pump LED Driver
logo
Richtek Technology Corp...
RT9363A RICHTEK-RT9363A Datasheet
184Kb / 11P
   3 Channels 90mA x1/x2 Charge Pump White LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com