Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1916R Datasheet(PDF) 4 Page - Sony Corporation

Part # CXD1916R
Description  Digital Video Encoder
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1916R Datasheet(HTML) 4 Page - Sony Corporation

  CXD1916R Datasheet HTML 1Page - Sony Corporation CXD1916R Datasheet HTML 2Page - Sony Corporation CXD1916R Datasheet HTML 3Page - Sony Corporation CXD1916R Datasheet HTML 4Page - Sony Corporation CXD1916R Datasheet HTML 5Page - Sony Corporation CXD1916R Datasheet HTML 6Page - Sony Corporation CXD1916R Datasheet HTML 7Page - Sony Corporation CXD1916R Datasheet HTML 8Page - Sony Corporation CXD1916R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
– 4 –
CXD1916R
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
VSYNC
HSYNC
CSYNC
BF
VSS5
PD0
PD1
PD2
PD3
VDD2
PD4
PD5
PD6
PD7
VSS6
PD8/TD0
PD9/TD1
PD10/TD2
PD11/TD3
VSS7
PD12/TD4
PD13/TD5
PD14/TD6
PD15/TD7
VDD3
NC
IREF
VREF
CP-OUT
I/O
I/O
O
O
I
I
I
I
I
I
I
I
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
O
I
O
Vertical sync signal input/output.
When SYNCM (Pin 72) = High, this pin is the vertical sync signal output.
When SYNCM = Low, this pin is the vertical sync signal input, and the falling
edge is detected during the 1st field to reset the internal circuits.
Horizontal sync signal input/output.
When SYNCM (Pin 72) = High, this pin is the horizontal sync signal output.
When SYNCM = Low, this pin is the horizontal sync signal input, and the falling
edge is detected during the 1st field to reset the internal circuits.
Composite sync output when using RGB output.
Burst flag output. The burst flag is synchronized with the composite video signal
(CP-OUT) and indicates its color burst signal position.
Digital ground.
8-bit pixel data inputs, or lower 8-bit pixel data inputs when 16-bit pixel data is
input. [PD0 to PD7]
When control register bit "PIF MODE" = "0", these are multiplexed Y, Cb, and Cr
signal inputs. When control register bit "PIF MODE" = "1", these are Y signal
inputs.
Digital power supply.
8-bit pixel data inputs, or lower 8-bit pixel data inputs when 16-bit pixel data is
input. [PD0 to PD7]
When control register bit "PIF MODE" = "0", these are multiplexed Y, Cb, and Cr
signal inputs. When control register bit "PIF MODE" = "1", these are Y signal
inputs.
Digital ground.
Upper 8-bit pixel data inputs when 16-bit pixel data is input/test data bus. [PD8 to PD15]
When control register bit "PIF MODE" = "0", these inputs are not used. When control
register bit "PIF MODE" = "1", these are multiplexed Cb and Cr signal inputs.
In test mode, these are used for the internal circuit test data bus. The test data
bus is available only for the device vendor.
Digital ground.
Upper 8-bit pixel data inputs when 16-bit pixel data is input/test data bus. [PD8 to PD15]
When control register bit "PIF MODE" = "0", these inputs are not used. When control
register bit "PIF MODE" = "1", these are multiplexed Cb and Cr signal inputs.
In test mode, these are used for the internal circuit test data bus. The test data
bus is available only for the device vendor.
Digital power supply.
Not connected inside the IC.
DAC reference current output.
Connect resistance "16R" which is 16 times output resistance "R".
DAC reference voltage input.
Sets the DAC output full-scale width.
10-bit DAC output. This pin outputs the composite, B and U signals.
Pin
No.
Symbol
I/O
Description


Similar Part No. - CXD1916R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
   Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
   Digital Video Encoder
More results

Similar Description - CXD1916R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com