Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN1962FS Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # RN1962FS
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1962FS Datasheet(HTML) 5 Page - Toshiba Semiconductor

  RN1962FS Datasheet HTML 1Page - Toshiba Semiconductor RN1962FS Datasheet HTML 2Page - Toshiba Semiconductor RN1962FS Datasheet HTML 3Page - Toshiba Semiconductor RN1962FS Datasheet HTML 4Page - Toshiba Semiconductor RN1962FS Datasheet HTML 5Page - Toshiba Semiconductor RN1962FS Datasheet HTML 6Page - Toshiba Semiconductor RN1962FS Datasheet HTML 7Page - Toshiba Semiconductor RN1962FS Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RN1961FS~RN1966FS
2007-11-01
5
(Q1,Q2 common)
hFE - IC
1
10
100
1000
1
10
100
25
-25
RN1961FS
hFE - IC
10
100
1000
1
10
100
25
-25
RN1962FS
hFE - IC
10
100
1000
1
10
100
25
-25
RN1963FS
hFE - IC
10
100
1000
1
10
100
25
-25
RN1964FS
hFE - IC
10
100
1000
1
10
100
25
-25
RN1965FS
hFE - IC
10
100
1000
1
10
100
25
-25
RN1966FS
Ta=100°C
Ta=100°C
Ta=100°C
Ta=100°C
Ta=100°C
Ta=100°C
COMMON EMITTER
VCE = 5V
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE = 5V
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE = 5V
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE = 5V
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE = 5V
COLLECTOR CURRENT IC (mA)
COMMON EMITTER
VCE = 5V
COLLECTOR CURRENT IC (mA)


Similar Part No. - RN1962FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1962FE TOSHIBA-RN1962FE Datasheet
95Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
More results

Similar Description - RN1962FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com