Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1914Q Datasheet(PDF) 8 Page - Sony Corporation

Part # CXD1914Q
Description  Digital Video Encoder
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1914Q Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXD1914Q Datasheet HTML 4Page - Sony Corporation CXD1914Q Datasheet HTML 5Page - Sony Corporation CXD1914Q Datasheet HTML 6Page - Sony Corporation CXD1914Q Datasheet HTML 7Page - Sony Corporation CXD1914Q Datasheet HTML 8Page - Sony Corporation CXD1914Q Datasheet HTML 9Page - Sony Corporation CXD1914Q Datasheet HTML 10Page - Sony Corporation CXD1914Q Datasheet HTML 11Page - Sony Corporation CXD1914Q Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
—8—
CXD1914Q
AC Characteristics
1. Pixel data interface
(1) 8-bit mode
tPDS
tPDH
SYSCLK
PD0-7
tPDS
tPDH
PDCLK
PD0-15
(Ta=0 to +70 °C, VDD=4.75 to 5.25 V, VSS=0 V)
Item
Symbol
Min.
Typ.
Max.
Unit
Pixel data setup time to SYSCLK
Pixel data hold time to SYSCLK
tPDS
tPDH
10
3
ns
ns
(Ta=0 to +70 °C, VDD=4.75 to 5.25 V, VSS=0 V)
Item
Symbol
Min.
Typ.
Max.
Unit
Pixel data setup time to PDCLK
Pixel data hold time to PDCLK
tPDS
tPDH
20
0
ns
ns
(2) 16-bit mode


Similar Part No. - CXD1914Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
   Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
More results

Similar Description - CXD1914Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com