Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1910AQ Datasheet(PDF) 11 Page - Sony Corporation

Part # CXD1910AQ
Description  Digital Video Encoder
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1910AQ Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXD1910AQ Datasheet HTML 7Page - Sony Corporation CXD1910AQ Datasheet HTML 8Page - Sony Corporation CXD1910AQ Datasheet HTML 9Page - Sony Corporation CXD1910AQ Datasheet HTML 10Page - Sony Corporation CXD1910AQ Datasheet HTML 11Page - Sony Corporation CXD1910AQ Datasheet HTML 12Page - Sony Corporation CXD1910AQ Datasheet HTML 13Page - Sony Corporation CXD1910AQ Datasheet HTML 14Page - Sony Corporation CXD1910AQ Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
– 11 –
CXD1910AQ
2. Serial Interface
The CXD1910AQ supports both I2C-BUS (high-speed mode) and SONY's serial interface. These modes can
be selected by XIICEN input pin as shown in Table 2-1 below.
XIICEN
SI/SDA
SCK/SCL
XCS/SA
SO
SI
SCK
XCS
SO
SDA
SCL
SA
High-Z
H
L
SONY SIO mode
I2C mode
Table 2-1
2-1. I2C-BUS interface
The CXD1910AQ becomes a slave transceiver of I2C-BUS, and supports the 7-bit slave address and the high-
speed mode (400K bit/s).
2-1-1. Slave address
Two kinds of slave address (88H, 8CH) are selectable by the SA signal, as shown in Table 2-2 below.
A6
A5
A4
A3
A2
A1
A0
R/W
1
0
0
0
1
SA
0
X
Table 2-2
2-1-2. Write cycle
S
slave address
W
start address
A
A
write data
A
write data
A
P
from master to slave
from slave to master
"0"
D7
start address
D6
D5
D4
D3
D2
D1
D0
ADR [4 : 0]
After the slave address is supplied from the master, the data in the next transfer cycle is set up inside the start
address register of this IC as start address of the control register. In subsequent cycles, the data supplied from
the master is written in the addresses indicated by the control register address. The set control register
address is automatically incremented with the completed transfer of each byte of data.


Similar Part No. - CXD1910AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
   Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
   Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
More results

Similar Description - CXD1910AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com