Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN49J2FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN49J2FS
Description  Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN49J2FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN49J2FS Datasheet HTML 1Page - Toshiba Semiconductor RN49J2FS Datasheet HTML 2Page - Toshiba Semiconductor RN49J2FS Datasheet HTML 3Page - Toshiba Semiconductor RN49J2FS Datasheet HTML 4Page - Toshiba Semiconductor RN49J2FS Datasheet HTML 5Page - Toshiba Semiconductor RN49J2FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RN49J2FS
2009-04-23
1
TOSHIBA Transistor Silicon NPN·PNP Epitaxial Type
(PCT process) (Bias Resistor built-in Transistor)
RN49J2FS
Switching Applications
Inverter Circuit Applications
Interface Circuit Applications
Driver Circuit Applications
• Two devices are incorporated into a fine pitch Small Mold (6 pin)
package.
• Incorporating a bias resistor into a transistor reduces parts count.
Reducing the parts count enable the manufacture of ever more
compact equipment and save assembly cost.
Equivalent Circuit and Bias Resistor Values
Q1
Q2
R1: 47 k
Ω
R2: 47 k
Ω
(Q1, Q2 common)
Equivalent Circuit (top view)
Marking
Unit: mm
fS6
1.BASE1
2.BASE2
3.EMITTER2
4.COLLECTOR2
5.EMITTER1
6.COLLECTOR1
0.1±0.05
6
0.8±0.05
1.0±0.05
1
2
0.1±0.05
3
5
4
(B1)
(B2)
(E2)
(C2)
(E1)
(C1)
JEDEC
JEITA
TOSHIBA
Weight:1.0 mg (typ.)
Type name
X1
R1
B
C
E
R1
B
C
E
6
5
4
1
2
3
Q1
Q2


Similar Part No. - RN49J2FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN49J7FS TOSHIBA-RN49J7FS Datasheet
137Kb / 4P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
More results

Similar Description - RN49J2FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2131MFV TOSHIBA-RN2131MFV Datasheet
171Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2961CT TOSHIBA-RN2961CT Datasheet
219Kb / 8P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1967CT TOSHIBA-RN1967CT Datasheet
154Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49J7FS TOSHIBA-RN49J7FS Datasheet
137Kb / 4P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1101CT TOSHIBA-RN1101CT Datasheet
173Kb / 8P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1112ACT TOSHIBA-RN1112ACT Datasheet
160Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1112CT TOSHIBA-RN1112CT Datasheet
160Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN47A7JE TOSHIBA-RN47A7JE Datasheet
229Kb / 7P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49A6FS TOSHIBA-RN49A6FS Datasheet
164Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1673 TOSHIBA-RN1673 Datasheet
217Kb / 4P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com