Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1807Q Datasheet(PDF) 10 Page - Sony Corporation

Part # CXD1807Q
Description  CD-G Decoder
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1807Q Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXD1807Q Datasheet HTML 6Page - Sony Corporation CXD1807Q Datasheet HTML 7Page - Sony Corporation CXD1807Q Datasheet HTML 8Page - Sony Corporation CXD1807Q Datasheet HTML 9Page - Sony Corporation CXD1807Q Datasheet HTML 10Page - Sony Corporation CXD1807Q Datasheet HTML 11Page - Sony Corporation CXD1807Q Datasheet HTML 12Page - Sony Corporation CXD1807Q Datasheet HTML 13Page - Sony Corporation CXD1807Q Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
– 10 –
CXD1807Q
Item
Symbol
Min.
Typ.
Max.
Unit
Tras
Trwc
Trcd
Tcas
Tcwd
Twp
Toeh
Tcod
Tasr
Trah
Tasc
Tcah
Tdsi
Tdhi
Tds
Tdh
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
2Tw – 45
Tw – 15
Tw – 35
5Tw
35
0
Tw – 50
Tw – 15
7Tw
9Tw
2Tw
5Tw
4Tw
Tw
Tw
2Tw
RAS pulse width
Read/write cycle
RAS-CAS delay time
CAS pulse width
CAS-WE delay time
WE pulse width
OE hold time (for WE
↓)
CAS-OE delay time
Row address setup time (for RAS
↓)
Row address hold time (for RAS
↓)
Column address setup time (for CAS
↓)
Column address hold time (for CAS
↓)
Data input setup time (for OE
↑)
Data input hold time (for OE
↑)
Data output setup time (for WE
↓)
Data output hold time (for WE
↓)
Supply voltage
Reference input voltage
AVDD1, AVDD2, AVDD3
VRF
4.5 to 5.5
0.5 to 2.0
V
V
3. Built-in DAC Characteristics
Recommended operating conditions
Item
Symbol
Ratings
Unit
Resolution
Differential linearity error
Integral linearity error
Full-scale output voltage
Full-scale output current
Assured precision output voltage range
n
ED
EL
VFS
IFS
VOC
–0.5
–1.0
1.9
0.5
4
2.0
10
2.0
+0.5
+1.0
2.1
15
2.1
bit
LSB
LSB
V
mA
V
Electrical characteristics
(VDD = 5V, VRF = 2V, R = 200
Ω, Ta = 25°C)
Item
Symbol Conditions
Min.
Typ.
Max.
Unit
(Tw = 1/f, f: master clock frequency)


Similar Part No. - CXD1807Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1803AR SONY-CXD1803AR Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1804 SONY-CXD1804 Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1804 SONY-CXD1804 Datasheet
813Kb / 103P
   CD-ROM Decoder
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
More results

Similar Description - CXD1807Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
logo
Toshiba Semiconductor
TC9411F TOSHIBA-TC9411F Datasheet
239Kb / 5P
   CD GRAPHICS DECODER
logo
Sony Corporation
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
logo
Sanyo Semicon Device
LC7872E SANYO-LC7872E Datasheet
299Kb / 17P
   CD Graphics Decoder
logo
Sony Corporation
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
   CD-ROM Decoder
CXD1818R SONY-CXD1818R Datasheet
895Kb / 112P
   CD-ROM Decoder
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
   CD-ROM DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com