Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT3A-0533SI Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # MT3A-0533SI
Description  All specifications are typical at nominal input, full load and 25쨘C otherwise noted
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

MT3A-0533SI Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  MT3A-0533SI Datasheet HTML 1Page - Volgen Kaga Electronics Inc. MT3A-0533SI Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MT3A- series
OUTPUT SPECIFICATIONS
Output power
3 Watts, max.
Voltage accuracy
Full load and nominal Vin
± 1%
Minimum load (Note 5)
See table
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
Min Load to Full Load
Single
Dual
3.3Vout
Others
± 0.3%
± 0.2%
± 2%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±
0.02% / ºC, max.
Transient response recovery time 25% load step change
500µS
Over load protection
% of FL at nominal input
180%, typ.
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input
to Output
Input (Output)to case
500VDC ,min
500VDC ,min
Isolation resistance
10
9ohms, min.
Isolation capacitance
300pF, max.
Switching frequency
100KHz, min.
Design meet safety standard
IEC60950-1,UL60950-1,EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
3.706 x 10
6 hrs
3.018 x 10
6 hrs
INPUT SPECIFICATIONS
Input voltage range
5V nominal input
12V nominal input
24V nominal input
48V nominal input
4.5 – 6VDC
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
5V input
12V input
24V input
48V input
15VDC
36VDC
50VDC
100VDC
Input reflected ripple current
Nominal Vin and full load
120mAp-p
Start up time
Nominal Vin and
constant resistive load
Power up
30mS, typ.
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-25ºC ~ +85ºC (with derating)
Storage temperature range
-40ºC ~ +125ºC
Maximum case temperature
100ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI
EN55022
Class A
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Maximum value at nominal input voltage and full load.
3.
Typical value at nominal input voltage and full load.
4.
Test by minimum Vin and constant resistive load.
5.
The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not
damage these devices, however they may not meet all listed specification.
T E CHN I CAL SPECIF I C A T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted


Similar Part No. - MT3A-0533SI

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
MT3A-0113H MARKIMICROWAVE-MT3A-0113H Datasheet
736Kb / 8P
   TWO-TONE-TERMINATOR MIXER/LO-AMPLIFIER
MT3A-0113HCH-2 MARKIMICROWAVE-MT3A-0113HCH-2 Datasheet
736Kb / 8P
   TWO-TONE-TERMINATOR MIXER/LO-AMPLIFIER
MT3A-0113HPA MARKIMICROWAVE-MT3A-0113HPA Datasheet
736Kb / 8P
   TWO-TONE-TERMINATOR MIXER/LO-AMPLIFIER
More results

Similar Description - MT3A-0533SI

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DR1P5-05S05 RSG-DR1P5-05S05 Datasheet
137Kb / 2P
   All specifications are typical at nominal input, full load and 25C otherwise noted
logo
Texas Instruments
LMP7702MA-NOPB TI-LMP7702MA-NOPB Datasheet
1Mb / 35P
[Old version datasheet]   Unless Otherwise Noted, Typical Values at Vs = 5V
logo
DB Unlimited.
TE044003-1 DBUNLIMITED-TE044003-1 Datasheet
87Kb / 1P
   All dimensions are in mm unless otherwise noted
MM042602-4 DBUNLIMITED-MM042602-4 Datasheet
302Kb / 1P
   All dimensions are in mm unless otherwise noted
TE044003-2 DBUNLIMITED-TE044003-2 Datasheet
88Kb / 1P
   All dimensions are in mm unless otherwise noted
MM042602-5 DBUNLIMITED-MM042602-5 Datasheet
304Kb / 1P
   All dimensions are in mm unless otherwise noted
MM042602-6 DBUNLIMITED-MM042602-6 Datasheet
300Kb / 1P
   All dimensions are in mm unless otherwise noted
logo
Pasternack Enterprises,...
PE3252LF PASTERNACK-PE3252LF Datasheet
79Kb / 1P
   UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33778 PASTERNACK-PE33778 Datasheet
263Kb / 1P
   UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33799 PASTERNACK-PE33799 Datasheet
103Kb / 1P
   UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com