Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P15KP260 Datasheet(PDF) 6 Page - Protek Devices

Part # P15KP260
Description  15kW POWER TVS COMPONENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P15KP260 Datasheet(HTML) 6 Page - Protek Devices

  P15KP260 Datasheet HTML 1Page - Protek Devices P15KP260 Datasheet HTML 2Page - Protek Devices P15KP260 Datasheet HTML 3Page - Protek Devices P15KP260 Datasheet HTML 4Page - Protek Devices P15KP260 Datasheet HTML 5Page - Protek Devices P15KP260 Datasheet HTML 6Page - Protek Devices P15KP260 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05314.R3 9/12
Page 6
P15KP17 - P15KP280A
AXiAl leAD(moD) PAcKAGe inFoRmAtion
oRDeRinG inFoRmAtion
BAse PARt numBeR
(xx = voltage)
leADFRee suFFiX
tAPe suFFiX
Qty/Reel
Reel siZe
tuBe Qty
P15KPxx
n/a
n/a
n/a
n/a
n/a
P15KPxxA
n/a
n/a
n/a
n/a
n/a
P15KPxxCA
n/a
n/a
n/a
n/a
n/a
notes
1. Marking on Part - logo, part number, date code and positive terminal marked with
band(unidirectional only).
mARKinG DiAGRAm
outline Dimensions
Dim
millimeteRs
inches
min
mAX
min
mAX
A
25.4
-
1.00
-
B
9.27
9.77
0.365
0.385
C
25.4
-
1.00
-
D
1.20 DIA.
1.30 DIA.
0.048 DIA.
0.052 DIA.
E
5.96
6.47
0.235
0.255
notes
1. Dimensions are exclusive of mold flash and metal burrs.
E
A
B
C
D


Similar Part No. - P15KP260

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP260 PROTEC-P15KP260 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
P15KP260A PROTEC-P15KP260A Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
More results

Similar Description - P15KP260

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com