Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGY25N120 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MGY25N120
Description  Insulated Gate Bipolar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGY25N120 Datasheet(HTML) 3 Page - Motorola, Inc

  MGY25N120 Datasheet HTML 1Page - Motorola, Inc MGY25N120 Datasheet HTML 2Page - Motorola, Inc MGY25N120 Datasheet HTML 3Page - Motorola, Inc MGY25N120 Datasheet HTML 4Page - Motorola, Inc MGY25N120 Datasheet HTML 5Page - Motorola, Inc MGY25N120 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MGY25N120
3
Motorola TMOS Power MOSFET Transistor Device Data
Figure 1. Output Characteristics, TJ = 25°C
Figure 2. Output Characteristics, TJ = 125°C
Figure 3. Transfer Characteristics
Figure 4. Collector–to–Emitter Saturation
Voltage versus Junction Temperature
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 5. Capacitance Variation
Figure 6. Gate–to–Emitter Voltage versus
Total Charge
VGE = 20 V
TJ = 25°C
VCE, COLLECTOR–TO–EMITTER VOLTAGE (VOLTS)
12.5 V
17.5 V
15 V
10 V
45
30
0
8
4
0
2
6
60
15
7
3
1
5
75
VGE = 20 V
TJ = 125°C
VCE, COLLECTOR–TO–EMITTER VOLTAGE (VOLTS)
12.5 V
17.5 V
15 V
10 V
45
30
0
8
4
0
2
6
60
15
7
3
1
5
75
VCE = 10 V
250
µs PULSE WIDTH
TJ = 125°C
VGE, GATE–TO–EMITTER VOLTAGE (VOLTS)
70
20
10
0
16
8
6
4
10
25
°C
VGE = 15 V
250
µs PULSE WIDTH
TJ, JUNCTION TEMPERATURE (°C)
1
150
50
0
– 50
100
IC = 20 A
40
15 A
12
10 A
30
50
2
3
4
60
14
GATE–TO–EMITTER OR COLLECTOR–TO–EMITTER VOLTAGE (VOLTS)
Coes
10000
10
25
20
15
5
0
10
TJ = 25°C
Cres
Cies
100
1000
Qg, TOTAL GATE CHARGE (nC)
16
8
0
70
20
0
4
QT
Q1
Q2
TJ = 25°C
IC = 25 A
60
40
12
14
6
2
10
65
15
55
35
10
50
30
5
45
25
VCE = 0 V


Similar Part No. - MGY25N120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGY25N120 ONSEMI-MGY25N120 Datasheet
153Kb / 5P
   Insulated Gate Bipolar Transistor
REV 2
logo
Motorola, Inc
MGY25N120D MOTOROLA-MGY25N120D Datasheet
256Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
logo
ON Semiconductor
MGY25N120D ONSEMI-MGY25N120D Datasheet
171Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
REV 2
More results

Similar Description - MGY25N120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com