Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1257AR Datasheet(PDF) 6 Page - Sony Corporation

Part # CXD1257AR
Description  CCD Camera Timing Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1257AR Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD1257AR Datasheet HTML 2Page - Sony Corporation CXD1257AR Datasheet HTML 3Page - Sony Corporation CXD1257AR Datasheet HTML 4Page - Sony Corporation CXD1257AR Datasheet HTML 5Page - Sony Corporation CXD1257AR Datasheet HTML 6Page - Sony Corporation CXD1257AR Datasheet HTML 7Page - Sony Corporation CXD1257AR Datasheet HTML 8Page - Sony Corporation CXD1257AR Datasheet HTML 9Page - Sony Corporation CXD1257AR Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
– 6 –
CXD1257AR
2. Changes in I/O Signals in Each Mode
Symbol
GM
D2
TEST2
XSP1
XSP2
XSH1
XSH2
XDL1
XDL2
BFG
CLP2
CLP3
ID
55
12
36
41
42
43
44
45
46
47
49
50
53
L
L
L
Color separation
sample-and-hold
pulse output
Color separation
sample-and-hold
pulse output
Switching sample-
and-hold pulse
output
Switching sample-
and-hold pulse
output
Delay line clock
Delay line clock
Burst flag gate
pulse output
Clamp pulse output
Clamp pulse output
Line identification
output
H
L
L
Halted at High
Halted at High
Halted at Low
Halted at Low
Halted at High
Halted at Low
Burst flag gate
pulse output
(normally not used)
Standby control input
Low: Standby
High: Normal
operation
Standby control∗
Low: All circuits
halted for
standby mode
High: Only CL
output for
standby mode
Line identification
output
H
L
H
Color separation
sample-and-hold
pulse output
Color separation
sample-and-hold
pulse output
Switching sample-
and-hold pulse
output
Switching sample-
and-hold pulse
output
Halted at High
Halted at Low
Burst flag gate
pulse output
(normally not used)
Standby control input
Low: Standby
High: Normal
operation
Standby control∗
Low: All circuits
halted for
standby mode
High: Only CL
output for
standby mode
Line identification
output
Pin No.
Analog color
Digital color 1
Digital color 2
∗ When CLP2 = High, normal operation occurs regardless of whether CLP3 is high or low.
(Mode combinations other than those shown above cannot be used.)
Note) In the standby mode described above, XCK, XSG1, XSG2, XV1, XV2, XV3, XV4, XSUB, H1, H2, RG,
XSHD, XSHP, XSP1, XSP2, XSH1, XSH2, XDL1, and XDL2 pins are halted at Low. MCK, CLP1, CLP4,
PBLK, ID, XVCT, WEN, BFG, A0, A1, A2, A3, A4, and A5 pins are halted at the state just before
standby.


Similar Part No. - CXD1257AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1250M SONY-CXD1250M Datasheet
154Kb / 7P
   Vertical Clock Driver for CCD Image sensor
CXD1250N SONY-CXD1250N Datasheet
154Kb / 7P
   Vertical Clock Driver for CCD Image sensor
CXD1254AQ SONY-CXD1254AQ Datasheet
826Kb / 21P
   CCD Camera Synchronization and Timing Signal Generator
CXD1254AR SONY-CXD1254AR Datasheet
826Kb / 21P
   CCD Camera Synchronization and Timing Signal Generator
More results

Similar Description - CXD1257AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
   CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
   CCD Camera Timing Generator
CXD1254AR SONY-CXD1254AR Datasheet
826Kb / 21P
   CCD Camera Synchronization and Timing Signal Generator
CXD2463R SONY-CXD2463R Datasheet
414Kb / 37P
   Timing Controller for CCD Camera
logo
A1 PROs co., Ltd.
AI5412 A1PROS-AI5412 Datasheet
224Kb / 20P
   Timing Controller for CCD Monochrome Camera
Ver1.0
logo
Sanyo Semicon Device
LC99012A-S SANYO-LC99012A-S Datasheet
59Kb / 6P
   Black-and-White CCD Timing Generator
logo
Sharp Corporation
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
   Timing Pulse Generator LSI for CCD
LZ93N61 SHARP-LZ93N61 Datasheet
267Kb / 5P
   Timing Pulse Generator LSI for CCD
logo
Samsung semiconductor
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
   TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Analog Devices
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com