Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLS0603-FH2N2C Datasheet(PDF) 1 Page - TOKO, Inc

Part # LLS0603-FH2N2C
Description  Multilayer Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLS0603-FH2N2C Datasheet(HTML) 1 Page - TOKO, Inc

  LLS0603-FH2N2C Datasheet HTML 1Page - TOKO, Inc LLS0603-FH2N2C Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LLS0603-FH
Inductance Range: 0.2~3.9nH (0.1nH step), 3.9~10nH (E-24 Series), 10~56nH (E-12 Series)
Temperature Coefficient of L: + 250ppm/°C (for reference only)
LW
T
A
Marking of polarity
極性表示
Length
L (mm)
Width
W (mm)
Thickness
T (mm)
Electrode width
A (mm)
0.6
 0.03
0.3
 0.03
0.3
 0.03
0.1 ~ 0.2
 Marking of polarity: Marking is on the upper Surface of
the unit.
 極性表示: 磁束方向を示します。この表示が、常に上を向
くようにテーピングされています。
FEATURES
特長
 Compact and light weight:0.60.30.3mm, 0.4mg or less
 Tight tolerance inductance value
 小型・軽量:0.60.30.3mm、重さ:0.4mg以下
 インダクタンスの狭公差化
(0.2~3.9nH±0.1, 0.2, 0.3nH / 4.3~6.2nH±0.2, 0.3nH / 6.8~27nH±3%, 5% / 33~56nH ±5% )
 Expending Indcutance value range(0.2~56nH)
 RoHS compliant
 インダクタンス値の範囲の拡大(0.2~56nH)
 RoHS指令対応
ELECTRICAL CHARACTERISTICS
電気的特性
 Inductance Range
0.2~3.9nH (0.1nH step)
3.9~10nH (E-24 Series)
10~56nH (E-12 Series)
 Inductance Tolerance
B ;
0.1nH (0.2~3.9nH)
C ;
0.2nH (0.2~6.2nH)
S ;
0.3nH (0.2~6.2nH)
T ;
3% (6.8~27nH)
J ;
5% (6.8~56nH)
 Q (Typical)
7~12 (0.2~27nH at 500MHz)
9 (33 ~ 56nH at 300MHz)
 S.R.F. (for reference only)
1.0~13GHz or more
 Rated Current
50~300mA
 Inductance Temperature Coefficient +250ppm/°C
(for reference only)
 Operating Temperature Range -55°C~+125°C
 Storage Temperature Range
-55°C~+125°C
 インダクタンス範囲
0.2~3.9nH (0.1nH step)
3.9~10nH(E-24 Series)
10~56nH(E-12 Series)
 インダクタンス許容差
B ;
0.1nH (0.2~3.9nH)
C ;
0.2nH (0.2~6.2nH)
S ;
0.3nH (0.2~6.2nH)
T ;
3% (6.8~27nH)
J ;
5% (6.8~56nH)
 Q (Typical)
7~12 (0.2~27nH at 500MHz)
9 (33 ~ 56nH at 300MHz)
 自己共振周波数(参考値) 1.0~13GHz以上
 許容電流値
50~300mA
 インダクタンス温度係数(参考値)+250ppm/°C
 使用温度範囲
-55°C~+125°C
 保存温度範囲
-55°C~+125°C
EXAMPLES OF CHARACTERISTICS
代表特性例
continued on next page 次頁へ続く
Multilayer Chip Inductors
積層チップインダクタ
Inductance vs Frequency
0.1
1
10
100
1000
10
100
1000
10000
Frequency(MHz)
1N5
56N
18N
Q vs Frequency
0
5
10
15
20
25
30
35
40
45
10
100
1000
10000
Frequency(MHz)
1N5
56N
18N


Similar Part No. - LLS0603-FH2N2C

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LLS-1040-202 CONTRINEX-LLS-1040-202 Datasheet
111Kb / 2P
   Photoelektrischer N채herungsschalter
LLS-1040-204 CONTRINEX-LLS-1040-204 Datasheet
111Kb / 2P
   Photoelektrischer N채herungsschalter
LLS-1050-202 CONTRINEX-LLS-1050-202 Datasheet
113Kb / 2P
   Photoelektrischer N채herungsschalter
LLS-1050-204 CONTRINEX-LLS-1050-204 Datasheet
113Kb / 2P
   Photoelektrischer N채herungsschalter
LLS-1120-201 CONTRINEX-LLS-1120-201 Datasheet
141Kb / 2P
   Photoelektrischer Naherungsschalter
More results

Similar Description - LLS0603-FH2N2C

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
   Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
   Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com