Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSBR10100CT Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # HSBR10100CT
Description  Schottky Barrier Rectifiers (Reverse Voltage 100V to150V, Forward Current 10A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSBR10100CT Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HSBR10100CT Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSBR10100CT Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSBR10100CT Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HSBR10100CT Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200802
Issued Date : 2008.08.19
Revised Date :2009.11.06
Page No. : 3/4
HSBR10100CT Series ~HSBR10150CT Series
HSMC Product Specification
TO-220AB Dimension
DIM
Min.
Max.
A
5.58
7.49
B
8.38
8.90
C
4.40
4.70
D
1.15
1.39
E
0.35
0.60
F
2.03
2.92
G
9.66
10.28
H
-
*16.25
I
-
*3.83
J
3.00
4.00
K
0.75
0.95
L
2.54
3.42
M
1.14
1.40
N
-
*2.54
O
12.70
14.27
P
14.48
15.87
*: Typical, Unit: mm
3-Lead TO-220AB
Plastic Package
HSMC Package Code: E
A
B
E
G
I
K
M
O
P
3
2
1
C
N
H
D
Tab
F
J
L
Marking:
Note: Green label is used for pb-free packing
Pin Style: 1.Anode 2.Cathode 3.Anode
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
DIM
Min.
Max.
A
5.58
7.49
B
8.38
8.90
C
4.40
4.70
D
1.15
1.39
E
0.35
0.60
F
2.03
2.92
G
9.66
10.28
H
-
*16.25
I
-
*3.83
J
3.00
4.00
K
0.75
0.95
L
2.54
3.42
M
1.14
1.40
N
-
*2.54
O
12.70
14.27
P
14.48
15.87
*: Typical, Unit: mm
3-Lead TO-220AB
Plastic Package
HSMC Package Code: E
A
B
E
G
I
K
M
O
P
3
2
1
C
N
H
D
Tab
F
J
L
Marking:
Note: Green label is used for pb-free packing
Pin Style: 1.Anode 2.Cathode 3.Anode
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0


Similar Part No. - HSBR10100CT

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSBR101X0CT HSMC-HSBR101X0CT Datasheet
174Kb / 4P
   Schottky Barrier Rectifiers
More results

Similar Description - HSBR10100CT

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSBR20100CT HSMC-HSBR20100CT Datasheet
176Kb / 5P
   Schottky Barrier Rectifiers (Reverse Voltage 100V to150V, Forward Current 20A)
logo
Leshan Radio Company
SB1020 LRC-SB1020 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
logo
Surge Components
SGC101BSA SURGE-SGC101BSA Datasheet
361Kb / 3P
   Reverse Voltage 100V Forward Current 10A
logo
Leshan Radio Company
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB1220 LRC-SB1220 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com