Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM319R71H104KA01D Datasheet(PDF) 9 Page - Vicor Corporation

Part # GRM319R71H104KA01D
Description  8V to 36Vin Cool-Power
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

GRM319R71H104KA01D Datasheet(HTML) 9 Page - Vicor Corporation

Back Button GRM319R71H104KA01D Datasheet HTML 5Page - Vicor Corporation GRM319R71H104KA01D Datasheet HTML 6Page - Vicor Corporation GRM319R71H104KA01D Datasheet HTML 7Page - Vicor Corporation GRM319R71H104KA01D Datasheet HTML 8Page - Vicor Corporation GRM319R71H104KA01D Datasheet HTML 9Page - Vicor Corporation GRM319R71H104KA01D Datasheet HTML 10Page - Vicor Corporation GRM319R71H104KA01D Datasheet HTML 11Page - Vicor Corporation GRM319R71H104KA01D Datasheet HTML 12Page - Vicor Corporation GRM319R71H104KA01D Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
 
Picor Corpo
 
 
 
PI3311
(contin
 
Output ri
Vout = 50
2.0us/Div
Cout = 8X
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
ration • picorpo
1‐X0 Typica
nued) 
ipple: Vin =24V
0mV/Div           
X 100 µF Ceram
ower.com            
 
al Characte
V, Vout = 1.0V
                             
mic  
 PI33XX‐X0‐LGIZ
eristics 
 at 5A 
                                   331
 
Z Family Datashe
 
 
 
1107
 
 
 
 
 
Sh
Vo
Iin
   td
 
 
 
eet                Rev 
hort circuit test
out = 500mV/D
n = 500mA/Div 
delay_fault = 1m
1.2 August 24, 2
Div =Ch2            
= Ch4 
ms                     
2012 
Page 
                         
                         
9 of 39 
 
  331108         
                


Similar Part No. - GRM319R71H104KA01D

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
GRM319R71H104KA01D VICOR-GRM319R71H104KA01D Datasheet
1Mb / 30P
   8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
GRM319R71H104KA01D VICOR-GRM319R71H104KA01D Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
More results

Similar Description - GRM319R71H104KA01D

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0_18 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3301-01-LGIZ VICOR-PI3301-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-21-LGIZ VICOR-PI3301-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3318-01-LGIZ VICOR-PI3318-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com