Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0408FC08C Datasheet(PDF) 7 Page - Protek Devices

Part # P0408FC08C
Description  250W FLIP CHIP TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P0408FC08C Datasheet(HTML) 7 Page - Protek Devices

  P0408FC08C Datasheet HTML 1Page - Protek Devices P0408FC08C Datasheet HTML 2Page - Protek Devices P0408FC08C Datasheet HTML 3Page - Protek Devices P0408FC08C Datasheet HTML 4Page - Protek Devices P0408FC08C Datasheet HTML 5Page - Protek Devices P0408FC08C Datasheet HTML 6Page - Protek Devices P0408FC08C Datasheet HTML 7Page - Protek Devices P0408FC08C Datasheet HTML 8Page - Protek Devices P0408FC08C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05156.R8 9/12
Page 7
P0408FC3.3C - P0408FC36C
0408 PaCKaGe inFoRMation
C
G
H
A
D
E
DIE
SOLDER
BUMP
F
SOLDER PADS
SOLDER MASK
I
SOLDER PRINT
0.010” - 0.012” DIA.
COPPER CONTACT
0.009”[0.23] DIA.
G
H
I
A
F
DIE
SOLDER
BUMP
SOLDER PRINT
0.014” [0.36] DIA.
SOLDER MASK
oPtion 1 - layout DiMensions
DiM
MilliMeteRs
inChes
noMinal
noMinal
A
0.51
0.020
C
0.30
0.012
D
0.46
0.018
E
0.20
0.008
F
0.15 SQ
0.006 SQ
G
0.71
0.028
H
0.99
0.039
I
0.51
0.020
notes
1. Controlling dimensions in inches.
2. Decimal tolerance: .xxx ± 0.05mm (0.002”).
3. Preferred: Usign 0.1mm (0.004”) stencil.
oPtion 2 - layout DiMensions
DiM
MilliMeteRs
inChes
noMinal
noMinal
A
0.51
0.020
F
0.15 SQ
0.006 SQ
G
0.71
0.028
H
0.99
0.039
I
0.51
0.020
notes
1. Controlling dimensions in inches.
2. Decimal tolerance: .xxx ± 0.05mm (0.002”).
3. Preferred: Usign 0.1mm (0.004”) stencil.


Similar Part No. - P0408FC08C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0408FC08C PROTEC-P0408FC08C Datasheet
123Kb / 6P
   DEVICE CHARACTERISTICS
P0408FC08C PROTEC-P0408FC08C Datasheet
86Kb / 6P
   PFLIP CHIP ARRAY
P0408FC08C PROTEC-P0408FC08C Datasheet
619Kb / 9P
   250w flip chip tvs array
More results

Similar Description - P0408FC08C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_12 Datasheet
620Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_10 Datasheet
799Kb / 9P
   250w flip chip tvs array
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
PKFC3.3C PROTEC-PKFC3.3C_12 Datasheet
475Kb / 7P
   250W ENCAPSULATED FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com