Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1217 Datasheet(PDF) 4 Page - Sony Corporation

Part # CXD1217
Description  Synchronizing Signal Generator for Video Camera
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1217 Datasheet(HTML) 4 Page - Sony Corporation

  CXD1217 Datasheet HTML 1Page - Sony Corporation CXD1217 Datasheet HTML 2Page - Sony Corporation CXD1217 Datasheet HTML 3Page - Sony Corporation CXD1217 Datasheet HTML 4Page - Sony Corporation CXD1217 Datasheet HTML 5Page - Sony Corporation CXD1217 Datasheet HTML 6Page - Sony Corporation CXD1217 Datasheet HTML 7Page - Sony Corporation CXD1217 Datasheet HTML 8Page - Sony Corporation CXD1217 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
– 4 –
CXD1217Q
Electrical Characteristics
DC characteristics
(VDD = 5V ± 10%, VSS = 0V, Topr = –20 to +75°C)
Item
Output voltage 1
Output voltage 21
Output voltage 3∗2
Input voltage
Input current∗3
(Pull-down pin)
Output leak
current∗1
Power current
supply
Feedback
resistance∗4
Symbol
Conditions
IOH = –2mA
IOL = 4mA
IOH = –4mA
IOL = 4mA
IOH = –4mA
IOL = 8mA
VIH = VDD
At high impedance
At output pin in no-load
VDD = 5V
Min.
VDD – 0.5
VSS
VDD – 0.5
VSS
VDD/2
0.7VDD
20
250k
50
±30
8
VDD
0.4
VDD
0.4
VDD/2
0.3VDD
120
2.5M
V
V
V
V
V
V
V
V
µA
nA
mA
Typ.
Max.
Unit
Item
Input pin
Output pin
Symbol
CIN
COUT
Conditions
Min.
9
11
pF
pF
Typ.
Max.
Unit
1 HCOMOUT pin
2 4fscOUT and CLOUT pins
3 LALTRI, TEST, EXT, MODE1 and MODE2 pins
4 4fscOUT, 4fscIN, CLOUT and CLIN pins
I/O capacitance
(VDD = VI = 0V, fM = 1MHz)
VOH
VOL
VOH
VOL
VOH
VOL
VIH
VIL
IIH
ILZ
IDD
RFB


Similar Part No. - CXD1217

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1217 SONY-CXD1217 Datasheet
154Kb / 12P
   Synchronizing Signal Generator for Video Camera
CXD1217M SONY-CXD1217M Datasheet
154Kb / 12P
   Synchronizing Signal Generator for Video Camera
More results

Similar Description - CXD1217

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1217M SONY-CXD1217M Datasheet
154Kb / 12P
   Synchronizing Signal Generator for Video Camera
logo
Panasonic Semiconductor
MN67621F PANASONIC-MN67621F Datasheet
69Kb / 11P
   Color Video Camera Synchronizing Signal Generator LSI
MN676011NPS PANASONIC-MN676011NPS Datasheet
51Kb / 8P
   NTSC Color Camera Synchronizing Signal Generator LSI
MN67603NS PANASONIC-MN67603NS Datasheet
46Kb / 7P
   NTSC Color Camera Synchronizing Signal Generator LSI
logo
Sony Corporation
CXD1159Q SONY-CXD1159Q Datasheet
190Kb / 10P
   SYNC. SIGNAL GENERATOR FOR CAMERA
CXD1159AQ SONY-CXD1159AQ Datasheet
448Kb / 10P
   Sync Signal Generator for Camera
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
ON Semiconductor
P1P3800A ONSEMI-P1P3800A Datasheet
174Kb / 7P
   Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
logo
List of Unclassifed Man...
AN2110S ETC-AN2110S Datasheet
349Kb / 6P
   Video Camera Signal Processing Circuit
logo
ON Semiconductor
P1P3800AG12CRTWG ONSEMI-P1P3800AG12CRTWG Datasheet
174Kb / 7P
   Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com