Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y-CONC-R602U-MA8B-2000-A Datasheet(PDF) 10 Page - YAMAHA CORPORATION

Part # Y-CONC-R602U-MA8B-2000-A
Description  IP67/68/69K Protected Components
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R602U-MA8B-2000-A Datasheet(HTML) 10 Page - YAMAHA CORPORATION

Back Button Y-CONC-R602U-MA8B-2000-A Datasheet HTML 6Page - YAMAHA CORPORATION Y-CONC-R602U-MA8B-2000-A Datasheet HTML 7Page - YAMAHA CORPORATION Y-CONC-R602U-MA8B-2000-A Datasheet HTML 8Page - YAMAHA CORPORATION Y-CONC-R602U-MA8B-2000-A Datasheet HTML 9Page - YAMAHA CORPORATION Y-CONC-R602U-MA8B-2000-A Datasheet HTML 10Page - YAMAHA CORPORATION Y-CONC-R602U-MA8B-2000-A Datasheet HTML 11Page - YAMAHA CORPORATION Y-CONC-R602U-MA8B-2000-A Datasheet HTML 12Page - YAMAHA CORPORATION Y-CONC-R602U-MA8B-2000-A Datasheet HTML 13Page - YAMAHA CORPORATION Y-CONC-R602U-MA8B-2000-A Datasheet HTML 14Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
IP20 Protected Components
Description:
IP20 holding frames 1x, 2x or 4x format.
For use with all RJ45 and USB IP20Lock products
IP20 Halterahmen in 1x, 2x oder 4x Ausführung zur Verwendung
mit allen RJ45 und USB IP20Lock Produkten
Specifications: Material PA66 (Black)
Operating Temp.: -20°C ~ +120°C
Betriebstemp.
Description:
IP20 lock strain relief with vibration resistant locking
clips. Also available with additional locking slider for
increased mechanical retention. For use with all Y-Con
plugs
IP20-Zugentlastung mit vibrationsstabilen Rasthaken.
Auch mit zusätzlichem Schiebeverschluss für verbesserte mechanische
Rückhaltekraft verfügbar. Für den Einsatz mit allen Y-Con Kabelsteckern
Material:
PA66
Colour:
Y-ConIP20Lock-10 (Black)
Farbe
Y-ConIP20Lock-20 (Black & White)
Specifications:
Operating Temp.: -20°C ~ +120°C
Betriebstemp.
Part Number
Type
Y-ConIP20Lock-10
Standard
Y-ConIP20Lock-20
With additional locking slider
Part Number
No. of Holding Frames
Y-ConIP20HFR-10
1
Y-ConIP20HFR-20
2
Y-ConIP20HFR-40
4
Series
10 = Standard Type
20 = With Locking Slider
Y-ConIP20Lock - **
Part Number (Details)
Y-ConIP20Lock-10
Y-ConIP20Lock-20
Outline Dimensions:
Series
Number of Holding Frames
Y-ConIP20HFR - *
Part Number (Details)
Y-ConIP20Lock-10
Y-ConIP20Lock-20
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
9


Similar Part No. - Y-CONC-R602U-MA8B-2000-A

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONC-R602U-MA8B-2000-A YAMAICHI-Y-CONC-R602U-MA8B-2000-A Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
More results

Similar Description - Y-CONC-R602U-MA8B-2000-A

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONCOVER-10-X-X YAMAICHI-Y-CONCOVER-10-X-X Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONSWITCH-1UP7 YAMAICHI-Y-CONSWITCH-1UP7 Datasheet
277Kb / 1P
   IP67 Protected 10BaseT / 100Base-TX Ethernet Switch
logo
List of Unclassifed Man...
JR25WCCA-12 ETC2-JR25WCCA-12 Datasheet
549Kb / 8P
   IP67 waterproof protected heavy duty metal shell connectors
logo
PHOENIX CONTACT
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K
Dec 2, 2022
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K
Dec 2, 2022
1261659 PHOENIX-1261659 Datasheet
203Kb / 6P
   Monitor - FPM 23.8 69K
Dec 2, 2022
1261662 PHOENIX-1261662 Datasheet
206Kb / 6P
   Monitor - FPM 23.8 69K SP
Dec 2, 2022
1261656 PHOENIX-1261656 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K SP
Dec 2, 2022
1261658 PHOENIX-1261658 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K SP
Dec 2, 2022
1262469 PHOENIX-1262469 Datasheet
211Kb / 7P
   Panel PC - PPC 17.3 AIO 69K
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com