Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1172AM Datasheet(PDF) 9 Page - Sony Corporation

Part # CXD1172AM
Description  6-bit 20MSPS Video A/D Converter (CMOS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1172AM Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXD1172AM Datasheet HTML 3Page - Sony Corporation CXD1172AM Datasheet HTML 4Page - Sony Corporation CXD1172AM Datasheet HTML 5Page - Sony Corporation CXD1172AM Datasheet HTML 6Page - Sony Corporation CXD1172AM Datasheet HTML 7Page - Sony Corporation CXD1172AM Datasheet HTML 8Page - Sony Corporation CXD1172AM Datasheet HTML 9Page - Sony Corporation CXD1172AM Datasheet HTML 10Page - Sony Corporation CXD1172AM Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
– 9 –
CXD1172AM/AP
2. Example when latch up easily occurs
a. When analog and digital supplies are from different sources
+5V
AVDD
+5V
AVSS
DVSS
DVDD
DIGITAL IC
C6
AVSS
DVSS
AVDD
DVDD
CXD1172A
14
15
9
10
8
16
b. When analog and digital supplies are from common source
(i)
+5V
C6
AVSS
DVSS
DVDD
DIGITAL IC
AVDD
AVSS
DVSS
AVDD
DVDD
CXD1172A
14
15
9
10
8
16
(ii)
+5V
AVSS
DVSS
DVDD
DIGITAL IC
AVDD
AVSS
DVSS
AVDD
DVDD
CXD1172A
14
15
9
10
8
16


Similar Part No. - CXD1172AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1170 SONY-CXD1170 Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
More results

Similar Description - CXD1172AM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1172 INTERSIL-HI1172_00 Datasheet
82Kb / 7P
   6-Bit, 20MSPS, Video A/D Converter (CMOS)
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
   8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Sony Corporation
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD3300R SONY-CXD3300R Datasheet
220Kb / 17P
   10-bit 20MSPS Video A/D Converter
CXD2312R SONY-CXD2312R Datasheet
305Kb / 16P
   9-bit 20MSPS Video A/D Converter
logo
Intersil Corporation
HI1172 INTERSIL-HI1172 Datasheet
60Kb / 7P
   6-Bit, 20 MSPS,Video A/D Converter (CMOS)
August 1997
logo
Sony Corporation
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
   8-bit 20MSPS Video A/D Converter with Clamp Function
CXA1977R SONY-CXA1977R Datasheet
273Kb / 16P
   10-bit 20MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com