Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL8101 Datasheet(PDF) 10 Page - Xicor Inc.

Part # ZL8101
Description  Adaptive Digital DC/DC PWM Controller with Auto Compensation
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

ZL8101 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button ZL8101 Datasheet HTML 6Page - Xicor Inc. ZL8101 Datasheet HTML 7Page - Xicor Inc. ZL8101 Datasheet HTML 8Page - Xicor Inc. ZL8101 Datasheet HTML 9Page - Xicor Inc. ZL8101 Datasheet HTML 10Page - Xicor Inc. ZL8101 Datasheet HTML 11Page - Xicor Inc. ZL8101 Datasheet HTML 12Page - Xicor Inc. ZL8101 Datasheet HTML 13Page - Xicor Inc. ZL8101 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
FIGURE 3. EXAMPLE DESIGN USING ZL8101 AND ISL6611 PHASE DOUBLER
VDRV = 5V
L2
L1
Q2
C10
10µF
R3
C4
4.7µF
C8
0.01µF
C6
FB1
ISENA
GND
GH_1
U2
ISL6611AIRZ
GND
1
LGA 2
PVCC
3
GAIN
4
PGND
5
LGB 6
EN_PH
7
PHB 8
UGB 9
BSTB 10
EPAD
17
BSTA 11
UGA 12
PHA 13
VCC
14
PWM
15
SYNC
16
SW_2A
GL_2
C1
C7
DRVEN
DDC
SGND2
SGND
PG
GH_2
SCL
R5
6.65k
R1
100k
EN
SDA
4 Wire
Inductors
SW_1A
FB2
C5
GL_1
VIN = 4.5V-14V
SGND
Q1
PWMH
COUT1
C9
10µF
U1
ZL8101
DGND
1
SYNC
2
SA0
3
SA1
4
SCL
6
SDA
7
SALRT
8
FC
9
V0
10
V1
11
VMON
12
VTRK
14
FB+
15
FB-
16
NC
17
ISENB
18
ISENA
19
PWML
20
SGND
21
VR
23
VDD
24
V25
25
XTEMP
26
DDC
27
MGN
28
EN
30
SS
31
PG
32
NC
5
DRVCTL
13
PWMH
22
NC
29
SGND
33
VOUT
R2
C2
10µF
C3
R4
SGND
SGND2
DDCBus
(Note 21)
I2C/SMBus


Similar Part No. - ZL8101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL8101 INTERSIL-ZL8101 Datasheet
924Kb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
July 13, 2012
logo
Renesas Technology Corp
ZL8101 RENESAS-ZL8101 Datasheet
1Mb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
logo
Intersil Corporation
ZL8101 INTERSIL-ZL8101 Datasheet
924Kb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
July 13, 2012
ZL8101ALAF INTERSIL-ZL8101ALAF Datasheet
924Kb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
July 13, 2012
logo
Renesas Technology Corp
ZL8101ALAF RENESAS-ZL8101ALAF Datasheet
1Mb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
More results

Similar Description - ZL8101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL8101 INTERSIL-ZL8101 Datasheet
924Kb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
July 13, 2012
logo
Renesas Technology Corp
ZL8101 RENESAS-ZL8101 Datasheet
1Mb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
logo
Intersil Corporation
ZL8101 INTERSIL-ZL8101_14 Datasheet
924Kb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
July 13, 2012
logo
Renesas Technology Corp
ZL6105 RENESAS-ZL6105 Datasheet
1Mb / 35P
   Digital DC/DC Controller with Drivers and Auto Compensation
logo
Intersil Corporation
ZL6105ALAF INTERSIL-ZL6105ALAF Datasheet
943Kb / 35P
   Digital DC/DC Controller with Drivers and Auto Compensation
December 19, 2013
logo
Renesas Technology Corp
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
   Adaptive Digital DC/DC Controller with Current Sharing
logo
Fairchild Semiconductor
FD2004 FAIRCHILD-FD2004 Datasheet
745Kb / 2P
   Adaptive Digital DC-DC Controller with Current Sharing
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
   Adaptive Digital DC-DC Controller with Current Sharing
ZL2004-01 INTERSIL-ZL2004-01 Datasheet
157Kb / 6P
   Adaptive Digital DC-DC Controller with Current Sharing
ZL2004ALNN-01 INTERSIL-ZL2004ALNN-01 Datasheet
229Kb / 7P
   Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com