Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHCV07FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHCV07FT
Description  Hex Schmitt Buffer (open drain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV07FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHCV07FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV07FT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74VHCV07FT/FK
2010-07-09
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCV07FT,TC74VHCV07FK
Hex Schmitt Buffer (open drain)
The TC74VHCV07 is an advanced high speed CMOS BUFFER
fabricated with silicon gate CMOS technology.
It achieves the high speed operation similar to equivalent Bipolar
Schottky TTL while maintaining the CMOS low power
dissipation.
Output have high performance MOS N-channel transistor.
(OPEN-DRAIN outputs)
Input pin have hysteresis between the positive-going and
negative-going thresholds. Thus the TC74VHCV07 is capable of
squaring up transitions of slowly changing input signals such as
line receivers.
Input protection and output circuit ensure that 0 to 5.5 V can be
applied to the input and output pins without regard to the supply
voltage. These structure prevents device destruction due to
mismatched supply and input/output voltages such as battery
back up, etc.
Features
• High speed: tpZ = 3.8 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• Wide operating voltage range: VCC (opr) = 1.8 V to 5.5 V
• Ouput current: IOL = 16 mA (min) (VCC = 4.5 V)
• Available in TSSOP and VSSOP (US)
• Power-down protection provided on all inputs and outputs
• Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 07 type
TC74VHCV07FT
TC74VHCV07FK
Weight
TSSOP14-P-0044-0.65A
: 0.06 g ( typ )
VSSOP14-P-0030-0.50
: 0.02 g ( typ )


Similar Part No. - TC74VHCV07FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCV05FK TOSHIBA-TC74VHCV05FK Datasheet
186Kb / 8P
   Hex Schmitt Inverter (open drain)
TC74VHCV05FT TOSHIBA-TC74VHCV05FT Datasheet
186Kb / 8P
   Hex Schmitt Inverter (open drain)
More results

Similar Description - TC74VHCV07FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC07 STMICROELECTRONICS-M54HC07 Datasheet
227Kb / 9P
   HEX BUFFER OPEN DRAIN
February 1993
M74HC07 STMICROELECTRONICS-M74HC07 Datasheet
227Kb / 10P
   HEX BUFFER OPEN DRAIN
logo
Unisonic Technologies
U74HC07 UTC-U74HC07 Datasheet
182Kb / 5P
   HEX BUFFER (OPEN DRAIN)
logo
Toshiba Semiconductor
TC74VHCV05FT TOSHIBA-TC74VHCV05FT Datasheet
186Kb / 8P
   Hex Schmitt Inverter (open drain)
TC74HC07AP TOSHIBA-TC74HC07AP Datasheet
220Kb / 5P
   HEX BUFFER (OPEN DRAIN)
logo
Nexperia B.V. All right...
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
   Hex buffer with open-drain outputs
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
logo
NXP Semiconductors
74LVC07APW-T NXP-74LVC07APW-T Datasheet
160Kb / 14P
   Hex buffer with open-drain outputs
Rev. 5-27 October 2011
74LVC07A PHILIPS-74LVC07A Datasheet
71Kb / 16P
   Hex buffer with open-drain outputs
2000 Mar 07
logo
Nexperia B.V. All right...
74LVC07A NEXPERIA-74LVC07A Datasheet
234Kb / 12P
   Hex buffer with open-drain outputs
Rev. 7 - 3 August 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com