Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHCT125AFK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHCT125AFK
Description  Quad Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCT125AFK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHCT125AFK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCT125AFK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCT125AFK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCT125AFK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCT125AFK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCT125AFK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCT125AFK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCT125AFK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCT125AFK_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74VHCT125,126AF/AFT/AFK
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCT125AF,TC74VHCT125AFT,TC74VHCT125AFK
TC74VHCT126AF,TC74VHCT126AFT,TC74VHCT126AFK
TC74VHCT125AF/AFT/AFK
Quad Bus Buffer
TC74VHCT126AF/AFT/AFK
Quad Bus Buffer
The TC74VHCT125A/126A are high speed CMOS QUAD BUS
BUFFERs fabricated with silicon gate C2MOS technology.
They achieve the high speed operation similar to equivalent
Bipolar Shottky TTL while maintaining the CMOS low power
dissipation.
The TC74VHCT125A requires the 3-state control input G to
be set high to place the output into the high impedance state,
whereas the TC74VHCT126A requires the control input G to be
set low to place the output into high impedance.
The input voltage are compatible with TTL output voltage.
This device may be used as a level converter for interfacing
3.3 V to 5 V system.
Input protection and output circuit ensure that 0 to 5.5 V can
be applied to the input and output (Note) pins without regard to
the supply voltage. There structure prevents device detsruction
due to mismatched supply and input/output voltages such as
battery back up, hot board insertion, etc.
Note:
VCC = 0 V
Features
• High speed: tpd = 3.8 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL inputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Power down protection is provided on all inputs and outputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with the 74 series
(74AC/HC/F/ALS/LS etc.) 125/126 types.
TC74VHCT125AF, TC74VHCT126AF
TC74VHCT125AFT, TC74VHCT126AFT
TC74VHCT125AFK, TC74VHCT126AFK
Weight
SOP14-P-300-1.27A:0.18 g (typ.)
TSSOP14-P-0044-0.65A:
0.06 g (typ.)
VSSOP14-P-0030-0.50:
0.02 g (typ.)


Similar Part No. - TC74VHCT125AFK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT125AFK TOSHIBA-TC74VHCT125AFK Datasheet
254Kb / 10P
   Quad Bus Buffer
More results

Similar Description - TC74VHCT125AFK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F Datasheet
243Kb / 7P
   QUAD BUS BUFFER
logo
ON Semiconductor
MC74VHC125 ONSEMI-MC74VHC125 Datasheet
164Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 2
MC74VHC126 ONSEMI-MC74VHC126 Datasheet
163Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 1
MC74VHCT126A ONSEMI-MC74VHCT126A_16 Datasheet
98Kb / 6P
   Quad Bus Buffer
October, 2016 ??Rev. 11
MC74LVX125 ONSEMI-MC74LVX125_14 Datasheet
110Kb / 6P
   Quad Bus Buffer
August, 2014 ??Rev. 4
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F_07 Datasheet
259Kb / 11P
   Quad Bus Buffer
TC74HC125AP TOSHIBA-TC74HC125AP_07 Datasheet
279Kb / 9P
   Quad Bus Buffer
TC74VHCT125AF TOSHIBA-TC74VHCT125AF_07 Datasheet
254Kb / 10P
   Quad Bus Buffer
TC74VHC125F TOSHIBA-TC74VHC125F_12 Datasheet
227Kb / 10P
   Quad Bus Buffer
logo
ON Semiconductor
MC74LVX125 ONSEMI-MC74LVX125_11 Datasheet
137Kb / 7P
   Quad Bus Buffer
May, 2011 ??Rev. 3
logo
Toshiba Semiconductor
TC74LVX125F TOSHIBA-TC74LVX125F Datasheet
250Kb / 8P
   QUAD BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com