Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB1583Q Datasheet(PDF) 5 Page - Sony Corporation

Part # CXB1583Q
Description  266Mbaud Fibre Channel Transceiver IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1583Q Datasheet(HTML) 5 Page - Sony Corporation

  CXB1583Q Datasheet HTML 1Page - Sony Corporation CXB1583Q Datasheet HTML 2Page - Sony Corporation CXB1583Q Datasheet HTML 3Page - Sony Corporation CXB1583Q Datasheet HTML 4Page - Sony Corporation CXB1583Q Datasheet HTML 5Page - Sony Corporation CXB1583Q Datasheet HTML 6Page - Sony Corporation CXB1583Q Datasheet HTML 7Page - Sony Corporation CXB1583Q Datasheet HTML 8Page - Sony Corporation CXB1583Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
– 5 –
CXB1583Q
Pin
No.
Symbol
Type
Typical pin
I/O voltage
Equivalent circuit
Description
32
PCLKOUT0
TTL
output
TTL level
Receive byte clock 0
output.
This clock is used to
take the parallel data
(PDO0 to 9) at the
next-stage system.
VEET
VCCT
TTL-OUT
31
PCLKOUT1
TTL
output
TTL level
34
RXLKDT
TTL
output
TTL level
Receive byte clock 1
output.
PCLKOUT0 inverted
clock.
RX_PLL lock
detection signal
output.
Outputs high level
when the PLL is
locked to the serial
data or the serial data
has no signal; Outputs
low level when the
PLL is not locked.
RXLKDT output may
sporadically go high
when the PLL starts
to lock to the serial
data.
35
TXLKDT
TTL
output
TTL level
TX_PLL lock
detection signal output.
Outputs high level
when the PLL is
locked to REFCLK
and operating
normally; Outputs low
level when the PLL is
not operating
normally.
VEET
VCCT
TTL-OUT
VEET
VCCT
TTL-OUT
VEET
VCCT
TTL-OUT


Similar Part No. - CXB1583Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1581Q SONY-CXB1581Q Datasheet
285Kb / 22P
   Fibre Channel Transmitter
CXB1582Q SONY-CXB1582Q Datasheet
293Kb / 23P
   Fibre Channel Receiver
CXB1585N SONY-CXB1585N Datasheet
180Kb / 14P
   Fibre Channel Repeater
CXB1586AR SONY-CXB1586AR Datasheet
307Kb / 18P
   10 Bit 1.0625 Gbaud Transceiver
More results

Similar Description - CXB1583Q

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
   Fibre Channel Optical Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
   Fibre Channel Transceiver Chip
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
   Fibre Channel Transceiver 1.0625 GBaud
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
logo
Texas Instruments
SN75FC1000 TI1-SN75FC1000 Datasheet
301Kb / 10P
[Old version datasheet]   1-GIGABIT FIBRE CHANNEL TRANSCEIVER
logo
Agilent(Hewlett-Packard...
HPFC-5400 HP-HPFC-5400 Datasheet
88Kb / 2P
   Tachyon DX2 Dual Channel Fibre Channel IC
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
   Fibre Channel RoHS Compliant Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com