Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHCU04F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHCU04F
Description  Hex Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCU04F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHCU04F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCU04F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCU04F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCU04F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCU04F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCU04F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCU04F_12 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC74VHCU04F/FT
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCU04F,TC74VHCU04FT
Hex Inverter
The TC74VHCU04 is an advanced high speed CMOS
INVERTER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
Since the internal circuit is composed of a single stage inverter,
it can be used in analog applications such as crystal oscillators.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 3.5 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 10% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 V to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS04
TC74VHCU04F
TC74VHCU04FT
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


Similar Part No. - TC74VHCU04F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCU04FN TOSHIBA-TC74VHCU04FN Datasheet
200Kb / 5P
   HEX INVERTER
TC74VHCU04FN TOSHIBA-TC74VHCU04FN Datasheet
213Kb / 8P
   Hex Inverter
TC74VHCU04FT TOSHIBA-TC74VHCU04FT Datasheet
200Kb / 5P
   HEX INVERTER
TC74VHCU04FT TOSHIBA-TC74VHCU04FT Datasheet
213Kb / 8P
   Hex Inverter
TC74VHCU04F TOSHIBA-TC74VHCU04F_07 Datasheet
213Kb / 8P
   Hex Inverter
More results

Similar Description - TC74VHCU04F_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com