Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHCT00AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74VHCT00AF
Description  Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCT00AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74VHCT00AF_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCT00AF_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCT00AF_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCT00AF_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCT00AF_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCT00AF_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCT00AF_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCT00AF_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC74VHCT00AF/AFT/AFK
2012-02-29
3
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5 to 5.5
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5
(Note 2)
Output voltage
VOUT
0 to VCC
(Note 3)
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 20
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: VCC = 0 V
Note 3: High or low state.
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
4.5 to 5.5
2.0
2.0
V
Low-level input
voltage
VIL
4.5 to 5.5
0.8
0.8
V
IOH = −50 μA
4.5
4.40
4.50
4.40
High-level output
voltage
VOH
VIN
= VIH or VIL IOH = −8 mA
4.5
3.94
3.80
V
IOL = 50 μA
4.5
0.0
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL IOL = 8 mA
4.5
0.36
0.44
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
μA
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA
Quiescent supply
current
ICCT
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
1.35
1.50
mA
Output leakage
current
IOPD
VOUT = 5.5 V
0
0.5
5.0
μA


Similar Part No. - TC74VHCT00AF_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT00AFK TOSHIBA-TC74VHCT00AFK Datasheet
244Kb / 9P
   Quad 2-Input NAND Gate
TC74VHCT00AFN TOSHIBA-TC74VHCT00AFN Datasheet
242Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
TC74VHCT00AFN TOSHIBA-TC74VHCT00AFN Datasheet
244Kb / 9P
   Quad 2-Input NAND Gate
TC74VHCT00AFT TOSHIBA-TC74VHCT00AFT Datasheet
242Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
TC74VHCT00AFT TOSHIBA-TC74VHCT00AFT Datasheet
244Kb / 9P
   Quad 2-Input NAND Gate
More results

Similar Description - TC74VHCT00AF_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com