Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC9152P Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHC9152P
Description  9-Bit Schmitt Buffer (Inverter)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC9152P Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC9152P Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC9152P Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC9152P Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC9152P Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC9152P Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC9152P Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC9152P Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC9152P Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC9152P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC74VHC9151P/FT/FK,9152P/FT/FK
2010-08-31
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta = −40~85°C
Characteristics
Symbol
VCC (V)
Min
Typ
Max
Min
Max
Unit
3.0
2.20
2.20
4.5
3.15
3.15
Positive threshold
voltage
VP
5.5
3.85
3.85
V
3.0
0.90
0.90
4.5
1.35
1.35
Negative threshold
voltage
VN
5.5
1.65
1.65
V
3.0
0.30
1.20
0.30
1.20
4.5
0.40
1.40
0.40
1.40
Hysteresis voltage
VH
5.5
0.50
1.60
0.50
1.60
V
2.0
1.9
2.0
1.9
3.0
2.9
3.0
2.9
IOH = −50 μA
4.5
4.4
4.5
4.4
IOH = −4 mA
3.0
2.58
2.48
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −8 mA
4.5
3.94
3.80
V
2.0
0.0
0.1
0.1
3.0
0.0
0.1
0.1
IOL = 50 μA
4.5
0.0
0.1
0.1
IOL = 4 mA
3.0
0.36
0.44
Low-level output
voltage
VOL
VIN
= VIH or VIL
IOL = 8 mA
4.5
0.36
0.44
V
Input leakage current
IIN
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA


Similar Part No. - TC74VHC9152P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9125FK TOSHIBA-TC74VHC9125FK Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9125FT TOSHIBA-TC74VHC9125FT Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9125P TOSHIBA-TC74VHC9125P Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9126FK TOSHIBA-TC74VHC9126FK Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9126FT TOSHIBA-TC74VHC9126FT Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
More results

Similar Description - TC74VHC9152P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G14 RENESAS-HD74ALVC1G14 Datasheet
80Kb / 10P
   Schmitt-trigger Inverter Buffer
HD74ALVC1G14 RENESAS-HD74ALVC1G14_15 Datasheet
105Kb / 12P
   Schmitt-trigger Inverter Buffer
RD74LVC1G14 RENESAS-RD74LVC1G14 Datasheet
2Mb / 8P
   Schmitt-trigger Inverter Buffer
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322 Datasheet
94Kb / 5P
   9-BIT BUFFER
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122 Datasheet
94Kb / 4P
   9-BIT BUFFER
1996 REV 2
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322_07 Datasheet
77Kb / 4P
   9-BIT BUFFER
SY100S322 MICREL-SY100S322_06 Datasheet
83Kb / 6P
   9-BIT BUFFER
SY10E122 MICREL-SY10E122 Datasheet
60Kb / 4P
   9-BIT BUFFER
logo
National Semiconductor ...
F100122 NSC-F100122 Datasheet
90Kb / 3P
   9-BIT BUFFER
logo
Micrel Semiconductor
SY10E122 MICREL-SY10E122_06 Datasheet
59Kb / 4P
   9-BIT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com