Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0214005.LXN Datasheet(PDF) 1 Page - Littelfuse

Part # 0214005.LXN
Description  Thermoplastic Fuse Rated 36V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0214005.LXN Datasheet(HTML) 1 Page - Littelfuse

  0214005.LXN Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Torpedo Type Fuses

w w w . l i t t e l f u s e . c o m
© 2006 Littelfuse Automotive Circuit Protection Products
Thermoplastic Fuse Rated 36V
Specifications
DIN 72581/1
Consisting of a heat resistant body, the fuse element stretches
over the exterior of the body from end to end. The body varies in
color indicating the current ratings.
Sie besteht aus einem hitzebeständigen Körper und einem
Sicherungselement, das sich über die gesamte Außenseite des
Gehäuses erstreckt. Für jeden Nennstrom wird eine andere
Gehäusefarbe verwendet.
Part Number
Artikel-Nr.
Current Rating
Nennstrom
Housing Color
Kennfarbe
Typ. Voltage Drop
Typ. Spannungsfall
Littelfuse max
0214005_
5A
50mV
0214008_
8A
50mV
0214016_
16A
50mV
0214025_
25A
50mV
0214040_
40A
50mV
Last figure of part number = packaging code, see Section “Packaging Index,” pg. 157.
Corresponding holder see Section “Fuse Holders.”
Dimensions in mm / Maße in mm


Similar Part No. - 0214005.LXN

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0214020000 WEIDMULLER-0214020000 Datasheet
1Mb / 52P
   SAK-series
More results

Similar Description - 0214005.LXN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
27651050002 LITTELFUSE-27651050002 Datasheet
100Kb / 1P
   ATS In-line Fuse Holder for Torpedo Style Fuse Rated 36V
0997002 LITTELFUSE-0997002 Datasheet
195Kb / 2P
   MINI짰 Blade Fuse Fuse Rated 58V
TFATO LITTELFUSE-TFATO Datasheet
169Kb / 1P
   Blade Fuse Rated 90V
SPF002 LITTELFUSE-SPF002 Datasheet
246Kb / 2P
   Solar Rated Midget Fuse
TOE LITTELFUSE-TOE Datasheet
194Kb / 2P
   Blade Fuse Rated 58V
0298040 LITTELFUSE-0298040 Datasheet
223Kb / 2P
   MEGA Fuse Rated 32V
0297002 LITTELFUSE-0297002 Datasheet
197Kb / 2P
   MINI Blade Fuse Rated 32V
029707.5U LITTELFUSE-029707.5U Datasheet
281Kb / 2P
   MINI짰 BLADE FUSE RATED 32V
0299025.TXN LITTELFUSE-0299025.TXN Datasheet
206Kb / 2P
   MAXI Blade Fuse Rated 32V
FP1 LITTELFUSE-FP1 Datasheet
189Kb / 2P
   Style PCB Fuse Rated 32V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com