Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5418AIPN Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5418AIPN
Description  MIXED SIGNAL MICROCONTROLLER
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5418AIPN Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430F5418AIPN Datasheet HTML 4Page - Texas Instruments MSP430F5418AIPN Datasheet HTML 5Page - Texas Instruments MSP430F5418AIPN Datasheet HTML 6Page - Texas Instruments MSP430F5418AIPN Datasheet HTML 7Page - Texas Instruments MSP430F5418AIPN Datasheet HTML 8Page - Texas Instruments MSP430F5418AIPN Datasheet HTML 9Page - Texas Instruments MSP430F5418AIPN Datasheet HTML 10Page - Texas Instruments MSP430F5418AIPN Datasheet HTML 11Page - Texas Instruments MSP430F5418AIPN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
MSP430F543xA, MSP430F541xA
SLAS655B – JANUARY 2010 – REVISED OCTOBER 2010
www.ti.com
Table 3. TERMINAL FUNCTIONS (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
PN
ZQW
General-purpose digital I/O with port interrupt
P2.1/TA1.0
26
26
L2
I/O
TA1 CCR0 capture: CCI0A input, compare: Out0 output
General-purpose digital I/O with port interrupt
P2.2/TA1.1
27
27
M2
I/O
TA1 CCR1 capture: CCI1A input, compare: Out1 output
General-purpose digital I/O with port interrupt
P2.3/TA1.2
28
28
L3
I/O
TA1 CCR2 capture: CCI2A input, compare: Out2 output
General-purpose digital I/O with port interrupt
P2.4/RTCCLK
29
29
M3
I/O
RTCCLK output
P2.5
30
32
L4
I/O
General-purpose digital I/O with port interrupt
General-purpose digital I/O with port interrupt
P2.6/ACLK
31
33
M4
I/O
ACLK output (divided by 1, 2, 4, 8, 16, or 32)
General-purpose digital I/O with port interrupt
P2.7/ADC12CLK/DMAE0
32
34
J5
I/O
Conversion clock output ADC
DMA external trigger input
General-purpose digital I/O
Slave transmit enable – USCI_B0 SPI mode
P3.0/UCB0STE/UCA0CLK
33
35
L5
I/O
Clock signal input – USCI_A0 SPI slave mode
Clock signal output – USCI_A0 SPI master mode
General-purpose digital I/O
P3.1/UCB0SIMO/UCB0SDA
34
36
M5
I/O
Slave in, master out – USCI_B0 SPI mode
I2C data – USCI_B0 I2C mode
General-purpose digital I/O
P3.2/UCB0SOMI/UCB0SCL
35
37
J6
I/O
Slave out, master in – USCI_B0 SPI mode
I2C clock – USCI_B0 I2C mode
General-purpose digital I/O
Clock signal input – USCI_B0 SPI slave mode
P3.3/UCB0CLK/UCA0STE
36
38
L6
I/O
Clock signal output – USCI_B0 SPI master mode
Slave transmit enable – USCI_A0 SPI mode
DVSS3
37
30
M6
Digital ground supply
DVCC3
38
31
M7
Digital power supply
General-purpose digital I/O
P3.4/UCA0TXD/UCA0SIMO
39
39
L7
I/O
Transmit data – USCI_A0 UART mode
Slave in, master out – USCI_A0 SPI mode
General-purpose digital I/O
P3.5/UCA0RXD/UCA0SOMI
40
40
J7
I/O
Receive data – USCI_A0 UART mode
Slave out, master in – USCI_A0 SPI mode
General-purpose digital I/O
Slave transmit enable – USCI_B1 SPI mode
P3.6/UCB1STE/UCA1CLK
41
41
M8
I/O
Clock signal input – USCI_A1 SPI slave mode
Clock signal output – USCI_A1 SPI master mode
General-purpose digital I/O
P3.7/UCB1SIMO/UCB1SDA
42
42
L8
I/O
Slave in, master out – USCI_B1 SPI mode
I2C data – USCI_B1 I2C mode
General-purpose digital I/O
P4.0/TB0.0
43
43
J8
I/O
TB0 capture CCR0: CCI0A/CCI0B input, compare: Out0 output
General-purpose digital I/O
P4.1/TB0.1
44
44
M9
I/O
TB0 capture CCR1: CCI1A/CCI1B input, compare: Out1 output
General-purpose digital I/O
P4.2/TB0.2
45
45
L9
I/O
TB0 capture CCR2: CCI2A/CCI2B input, compare: Out2 output
General-purpose digital I/O
P4.3/TB0.3
46
46
L10
I/O
TB0 capture CCR3: CCI3A/CCI3B input, compare: Out3 output
General-purpose digital I/O
P4.4/TB0.4
47
47
M10
I/O
TB0 capture CCR4: CCI4A/CCI4B input, compare: Out4 output
General-purpose digital I/O
P4.5/TB0.5
48
48
L11
I/O
TB0 capture CCR5: CCI5A/CCI5B input, compare: Out5 output
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - MSP430F5418AIPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5418AIPN TI-MSP430F5418AIPN Datasheet
786Kb / 88P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5418AIPN TI-MSP430F5418AIPN Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5418AIPN TI-MSP430F5418AIPN Datasheet
823Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5418AIPN TI-MSP430F5418AIPN Datasheet
1,010Kb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5418AIPN TI1-MSP430F5418AIPN Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F5418AIPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com