Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC161F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74VHC161F
Description  Binary, Asynchronous Clear
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC161F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC161F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TC74VHC161,163F/FT/FK
2012-02-29
5
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
−65 to 150
°C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Range (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.


Similar Part No. - TC74VHC161F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC161FK TOSHIBA-TC74VHC161FK Datasheet
328Kb / 15P
   Synchronous Presettable 4-Bit Counter
TC74VHC161FN TOSHIBA-TC74VHC161FN Datasheet
402Kb / 10P
   SYNCHROMOUS PRESETTABLE 4-BIT COUNTER
TC74VHC161FN TOSHIBA-TC74VHC161FN Datasheet
328Kb / 15P
   Synchronous Presettable 4-Bit Counter
TC74VHC161FN TOSHIBA-TC74VHC161FN Datasheet
515Kb / 10P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
1997-01-30
TC74VHC161FS TOSHIBA-TC74VHC161FS Datasheet
515Kb / 10P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
1997-01-30
More results

Similar Description - TC74VHC161F_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
74VHC161 FAIRCHILD-74VHC161 Datasheet
88Kb / 10P
   4-Bit Binary Counter with Asynchronous Clear
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
288Kb / 14P
   SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Texas Instruments
74ACT11867 TI1-74ACT11867 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
74ACT11867 TI1-74ACT11867_13 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74HC161AP TOSHIBA-TC74HC161AP_07 Datasheet
644Kb / 15P
   Binary, Synchronous Clear
logo
Texas Instruments
SN54HC4024 TI1-SN54HC4024_13 Datasheet
318Kb / 10P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4024 TI-SN54HC4024 Datasheet
102Kb / 5P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com