Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC153FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC153FK
Description  Dual 4-Channel Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC153FK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC153FK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74VHC153F/FT/FK
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC153F,TC74VHC153FT,TC74VHC153FK
Dual 4-Channel Multiplexer
The TC74VHC153 is an advanced high speed CMOS DUAL
4-CHANNEL MULTIPLEXERs fabricated with silicon gate
C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
Each of these data (1C0-1C3, 2C0-2C3) is selected by the two
address inputs A and B.
Separate strobe inputs ( G
1 , G
2 ) are provided for each of the
two four-line sections.
The strobe input ( G ) can be used to inhibit the data output;
the output is fixed in low level while the strobe input is held high.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 5.0 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74ALS153
Weight
SOP16-P-300-1.27A
: 0.18 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)
VSSOP16-P-0030-0.50
: 0.02 g (typ.)
TC74VHC153F
TC74VHC153FT
TC74VHC153FK


Similar Part No. - TC74VHC153FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC153FK TOSHIBA-TC74VHC153FK Datasheet
258Kb / 11P
   Dual 4-Channel Multiplexer
More results

Similar Description - TC74VHC153FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC153F TOSHIBA-TC74VHC153F_V01 Datasheet
302Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
1997-03-30
TC74VHC153F TOSHIBA-TC74VHC153F Datasheet
229Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
TC74AC153P TOSHIBA-TC74AC153P Datasheet
261Kb / 7P
   DUAL 4-CHANNEL MULTIPLEXER
logo
New Japan Radio
NJU4052B NJRC-NJU4052B Datasheet
197Kb / 5P
   DUAL 4-CHANNEL MULTIPLEXER?
logo
Toshiba Semiconductor
TC74ACT153F TOSHIBA-TC74ACT153F_12 Datasheet
269Kb / 8P
   Dual 4-Channel Multiplexer
TC74ACT153F TOSHIBA-TC74ACT153F Datasheet
268Kb / 7P
   DUAL 4 CHANNEL MULTIPLEXER
TC7MH153FK TOSHIBA-TC7MH153FK_07 Datasheet
188Kb / 7P
   Dual 4-Channel Multiplexer
logo
STMicroelectronics
M74HC153 STMICROELECTRONICS-M74HC153_01 Datasheet
526Kb / 10P
   DUAL 4 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC7MH153FK TOSHIBA-TC7MH153FK Datasheet
194Kb / 5P
   DUAL 4-CHANNEL MULTIPLEXER
TC74VHC153F TOSHIBA-TC74VHC153F_07 Datasheet
258Kb / 11P
   Dual 4-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com