Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB1577Q Datasheet(PDF) 1 Page - Sony Corporation

Part # CXB1577Q
Description  Post-Amplifier for Optical Fiber Communication Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1577Q Datasheet(HTML) 1 Page - Sony Corporation

  CXB1577Q Datasheet HTML 1Page - Sony Corporation CXB1577Q Datasheet HTML 2Page - Sony Corporation CXB1577Q Datasheet HTML 3Page - Sony Corporation CXB1577Q Datasheet HTML 4Page - Sony Corporation CXB1577Q Datasheet HTML 5Page - Sony Corporation CXB1577Q Datasheet HTML 6Page - Sony Corporation CXB1577Q Datasheet HTML 7Page - Sony Corporation CXB1577Q Datasheet HTML 8Page - Sony Corporation CXB1577Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
– 1 –
CXB1577Q
E96Z24-PS
Post-Amplifier for Optical Fiber Communication Receiver
Description
The CXB1577Q achieves the 2R optical-fiber
communication receiver functions (Reshaping and
Regenerating) on a single chip. This IC is equipped
with the signal detection function, which is used to
enable TTL/ECL outputs. Also, the output disable
function performs the output shutdown. 3.3V/5.0V
can be used for the supply voltage.
Features
• Output disable function (TTL input)
• Signal detection function (TTL/ECL output)
• Supply voltage supports both 3.3V/5.0V
Applications
• SONET/SDH:
622.08Mbps
• Fibre Channel:
531.25Mbps
:
1.062Gbps
• Gigabit-Ethernet: 1.25Gbps
Absolute maximum Ratings
• Supply voltage
VCC – VEE
–0.3 to +7
V
• Storage temperature
Tstg
–65 to +150
°C
• Input voltage difference
VD – VD
Vdif
0 to +2
V
• SW input voltage
Vi
VEE to VCC
V
• ECL output current
IOQ/SD-ECL
–30 to 0
mA
• TTL output current (High level)
IOH SD-TTL
–20 to 0
mA
• TTL output current (Low level)
IOL SD-TTL
0 to 20
mA
Recommended Operating Conditions
• Supply voltage
VCC – VEE
3.3 ± 0.2/5 ± 0.25
V
• Termination voltage (for data)
VCC – VTD
1.8 to 2.2
V
• Termination voltage (for alarm 1,alarm 2)
VTA
VEE
V
• Termination resistance (for data)
RTD
46 to 56
• Termination resistance (for alarm 1)
RTA1
240 to 300
• Termination resistance (for alarm 2)
RTA2
460 to 560
• Operating temperature
Ta
–40 to +85
°C
Structure
Bipolar silicon monolithic IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
40 pin QFP (Plastic)


Similar Part No. - CXB1577Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
More results

Similar Description - CXB1577Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1572Q SONY-CXB1572Q Datasheet
300Kb / 16P
   Post amplifier for Optical Fiber Communication Receiver
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
CXB1567Q SONY-CXB1567Q Datasheet
439Kb / 16P
   Limiting Amplifier for Optical Fiber Communication Receiver
CXB1563Q SONY-CXB1563Q Datasheet
296Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1562AQ SONY-CXB1562AQ Datasheet
318Kb / 16P
   2R IC for Optical Fiber Communication Receiver
logo
Hitachi Semiconductor
HA16853MP HITACHI-HA16853MP Datasheet
167Kb / 5P
   Optical Communication Receiver/Amplifier
HA16856MP HITACHI-HA16856MP Datasheet
210Kb / 6P
   Optical Communication Receiver/Amplifier
HA16852MP HITACHI-HA16852MP Datasheet
195Kb / 5P
   Optical Communication Receiver/Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com