Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC86FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHC86FK
Description  Quad Exclusive OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC86FK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC86FK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC86FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC86FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC86FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC86FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC86FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC86FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC86FK_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74VHC86F/FT/FK
2012-02-29
4
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta = −40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
7.0
11.0
1.0
13.0
3.3 ± 0.3
50
9.5
14.5
1.0
16.5
15
4.8
6.8
1.0
8.0
Propagation delay
time
tpLH
tpHL
5.0 ± 0.5
50
6.3
8.8
1.0
10.0
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
18
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/4 (per gate)
Noise Characteristics (input: tr = tf = 3 ns)
Ta = 25°C
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.3
0.8
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.3
−0.8
V
Minimum high level dynamic input voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input voltage
VILD
CL = 50 pF
5.0
1.5
V
Input Equivalent Circuit
INPUT


Similar Part No. - TC74VHC86FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC86FK TOSHIBA-TC74VHC86FK Datasheet
213Kb / 9P
   Quad Exclusive OR Gate
More results

Similar Description - TC74VHC86FK_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
   Quad EXCLUSIVE-OR Gate
logo
STMicroelectronics
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
   QUAD EXCLUSIVE OR GATE
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
   QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
   QUAD EXCLUSIVE OR GATE
February 1999
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
   Quad exclusive OR gate
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
   Quad Exclusive OR Gate
logo
Toshiba Semiconductor
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
   QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com