Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1298 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1298
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1298 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1298 Datasheet HTML 1Page - Texas Instruments ADS1298 Datasheet HTML 2Page - Texas Instruments ADS1298 Datasheet HTML 3Page - Texas Instruments ADS1298 Datasheet HTML 4Page - Texas Instruments ADS1298 Datasheet HTML 5Page - Texas Instruments ADS1298 Datasheet HTML 6Page - Texas Instruments ADS1298 Datasheet HTML 7Page - Texas Instruments ADS1298 Datasheet HTML 8Page - Texas Instruments ADS1298 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
SBAS459I
– JANUARY 2010 – REVISED JANUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum/maximum specifications apply for all commercial grade (0
°C to +70°C) devices and from –40°C to +85°C for
industrial grades devices. Typical specifications are at +25
°C. All specifications at DVDD = 1.8V, AVDD – AVSS = 3V
(1),
VREF = 2.4V, external fCLK = 2.048MHz, data rate = 500SPS, High-Resolution mode, and gain = 6, unless otherwise noted.
ADS1294, ADS1296, ADS1298
ADS1294R, ADS1296R, ADS1298R
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHANNEL PERFORMANCE (continued)
AC Performance
Common-mode rejection ratio (CMRR)
fCM = 50Hz, 60Hz
(3)
–105
–115
dB
Power-supply rejection ratio (PSRR)
fPS = 50Hz, 60Hz
90
dB
Crosstalk
fIN = 50Hz, 60Hz
–126
dB
Signal-to-noise ratio (SNR)
fIN = 10Hz input, gain = 6
112
dB
10Hz,
–0.5dBFs
–98
dB
ADS1294R/6R/8R channel 1, 10Hz,
–0.5dBFs
–70
dB
100Hz,
–0.5dBFs(4)
–100
dB
Total harmonic distortion (THD)
ADS1294R/6R/8R channel 1,
–68
dB
100Hz,
–0.5dBFs(4)
ADS1294R/6R/8R channel 1,
–86
dB
100Hz,
–20dBFs(4)
DIGITAL FILTER
–3dB bandwidth
0.262fDR
Hz
Digital filter settling
Full setting
4
Conversions
RIGHT LEG DRIVE (RLD) AMPLIFIER AND PACE AMPLIFIERS
RLD integrated noise
BW = 150Hz
7
μVRMS
PACE integrated noise
BW = 8kHz
20
µVRMS
PACE amplifier crosstalk
Crosstalk between PACE amplifiers
60
dB
Gain bandwidth product
50k
Ω || 10pF load, gain = 1
100
kHz
Slew rate
50k
Ω || 10pF load, gain = 1
0.25
V/
μs
Short-circuit to GND (AVDD = 3V)
270
μA
Short-circuit to supply (AVDD = 3V)
550
μA
PACE and RLD amplifier drive strength
Short-circuit to GND (AVDD = 5V)
490
μA
Short-circuit to supply (AVDD = 5V)
810
μA
Peak swing (AVSS + 0.3V to AVDD + 0.3V)
50
μA
at AVDD = 3V
PACE and RLD current
Peak swing (AVSS + 0.3V to AVDD + 0.3V)
75
μA
at AVDD = 5V
PACE amplifier output resistance
100
Ω
Total harmonic distortion
fIN = 100Hz, gain = 1
–70
dB
Common-mode input range
AVSS + 0.7
AVDD
– 0.3
V
Common-mode resistor matching
Internal 200k
Ω resistor matching
0.1
%
Short-circuit current
±0.25
mA
Quiescent power consumption
Either RLD or PACE amplifier
20
μA
WILSON CENTRAL TERMINAL (WCT) AMPLIFIER
Integrated noise
BW = 150Hz
See Table 5
nV/
√Hz
Gain bandwidth product
See Table 5
kHz
Slew rate
See Table 5
V/s
Total harmonic distortion
fIN = 100Hz
90
dB
Common-mode input range
AVSS + 0.3
AVDD
– 0.3
V
Short-circuit current
Through internal 30k
Ω resistor
±0.25
mA
Quiescent power consumption
See Table 5
μA
(3)
CMRR is measured with a common-mode signal of AVSS + 0.3V to AVDD
– 0.3V. The values indicated are the maximum of the eight
channels.
(4)
Harmonics above the second harmonic are attenuated by the digital filter.
4
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R


Similar Part No. - ADS1298

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1298 TI-ADS1298 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1298 TI1-ADS1298 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1298 TI-ADS1298 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1298 TI1-ADS1298 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1298 TI-ADS1298 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1298

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com