Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBLC05LC Datasheet(PDF) 1 Page - Protek Devices

Part # GBLC05LC
Description  ULTRA LOW CAPACITANCE TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

GBLC05LC Datasheet(HTML) 1 Page - Protek Devices

  GBLC05LC Datasheet HTML 1Page - Protek Devices GBLC05LC Datasheet HTML 2Page - Protek Devices GBLC05LC Datasheet HTML 3Page - Protek Devices GBLC05LC Datasheet HTML 4Page - Protek Devices GBLC05LC Datasheet HTML 5Page - Protek Devices GBLC05LC Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05296.R3 9/12
Page 1
GBLC03LC - GBLC05CLC
uLtRa LOW CaPaCItaNCE tVS aRRaY
DESCRIPtION
The GBLCxxLC and GBLCxxCLC Series are ultra low capacitance transient voltage suppressor arrays, designed to pro-
tect applications such as portable electronics and SMART phones. This series is available in both unidirectional and
bidirectional configurations and is rated at 250 Watts for an 8/20µs waveshape.
The GBLCxxLC and GBLCxxCLC Series meets IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements. At higher
operating frequencies or faster edge rates, insertion loss and signal integrity are a major concern. This series offers a
ultra low capacitance and low leakage current in a miniature SOD-323 package.
FEatuRES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• 250 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Replacement for MLV (0805)
• Unidirectional & Bidirectional Configurations
• Protects One Power or I/O Port
• ESD Protection > 25kV
• Low Clamping Voltage
• Available in Multiple Voltages Ranging From 3V to 24V
• Ultra Low Capacitance: 0.7pF (C
j(SD) Typical)
• RoHS Compliant
• REACH Compliant
MEChaNICaL ChaRaCtERIStICS
• Molded JEDEC SOD-323 Package
• Approximate Weight: 5 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPLICatIONS
• Ethernet 10/100/1000 Base T
• SMART Phones
• Handheld - Wireless Systems
• USB Interface
SOD-323 PaCkaGE
PIN CONFIGuRatIONS
1
2
1
2
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - GBLC05LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC05LC PROTEC-GBLC05LC Datasheet
495Kb / 6P
   ultra LOW CAPACITA NCE TVS ARRAY
GBLC05LC PROTEC-GBLC05LC Datasheet
518Kb / 6P
   ULTRA LOW CAPACITA NCE TVS ARRAY
More results

Similar Description - GBLC05LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
   Ultra Low Capacitance TVS Array
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
   ultra LOW CAPACITANCE TVS ARRAY
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com