Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBLC03I Datasheet(PDF) 6 Page - Protek Devices

Part # GBLC03I
Description  ULTRA LOW CAPACITANCE TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

GBLC03I Datasheet(HTML) 6 Page - Protek Devices

  GBLC03I Datasheet HTML 1Page - Protek Devices GBLC03I Datasheet HTML 2Page - Protek Devices GBLC03I Datasheet HTML 3Page - Protek Devices GBLC03I Datasheet HTML 4Page - Protek Devices GBLC03I Datasheet HTML 5Page - Protek Devices GBLC03I Datasheet HTML 6Page - Protek Devices GBLC03I Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05242.R6 9/12
Page 6
GBLC03I - GBLC24CI
taPE aND REEL
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
t
User Direction of Feed
Top Cover
Tape
Pin 1 Indicated by Band
SPECIFICatIONS
REEL DIa.
taPE
WIDth
a0
B0
k0
D
E
F
W
P0
P2
P
tmax
178mm (7”)
8mm
1.55 ± 0.10 2.90 ± 0.10 1.35 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10
0.25
NOtES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 3,000 pieces per 8mm tape.
4. Marking on Part - marking code (see page 2), polarity band (Unidirectional Only).
Package outline, pad layout and tape specifications per document number 06010.R4 9/10.
ORDERING INFORMatION
BaSE PaRt NuMBER
(xx = Voltage)
LEaDFREE SuFFIX
taPE SuFFIX
QtY/REEL
REEL SIZE
tuBE QtY
GBLCxxI/GBLCxxCI
-LF
-T7
3,000
7”
n/a
This device is only available in a Lead-Free configuration.


Similar Part No. - GBLC03I

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03I PROTEC-GBLC03I Datasheet
72Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLC03I PROTEC-GBLC03I Datasheet
601Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
logo
Guangdong Youtai Semico...
GBLC03I UMW-GBLC03I Datasheet
450Kb / 5P
   Handheld - Wireless Systems
GBLC03I-LF-T7 UMW-GBLC03I-LF-T7 Datasheet
450Kb / 5P
   Handheld - Wireless Systems
logo
Protek Devices
GBLC03I PROTEC-GBLC03I_10 Datasheet
601Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
More results

Similar Description - GBLC03I

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
   Ultra Low Capacitance TVS Array
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
   ultra LOW CAPACITANCE TVS ARRAY
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com