Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGW20N60D Datasheet(PDF) 5 Page - Motorola, Inc

Part # MGW20N60D
Description  Insulated Gate Bipolar Transistor with Anti-Parallel Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGW20N60D Datasheet(HTML) 5 Page - Motorola, Inc

  MGW20N60D Datasheet HTML 1Page - Motorola, Inc MGW20N60D Datasheet HTML 2Page - Motorola, Inc MGW20N60D Datasheet HTML 3Page - Motorola, Inc MGW20N60D Datasheet HTML 4Page - Motorola, Inc MGW20N60D Datasheet HTML 5Page - Motorola, Inc MGW20N60D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MGW20N60D
5
Motorola TMOS Power MOSFET Transistor Device Data
VGE = 15 V
RGE = 20 Ω
TJ = 125°C
Figure 11. Turn–Off Losses versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
2
1
0.5
0
75
25
0
100
Figure 12. Turn–Off Losses versus
Collector–to–Emitter Current
VCC = 360 V
VGE = 15 V
RG = 20 Ω
IC, COLLECTOR–TO–EMITTER CURRENT (AMPS)
1.2
0.4
0
20
10
5
0
15
VCC = 360 V
VGE = 15 V
RG = 20 Ω
TJ = 125°C
Figure 13. Typical Diode Forward Drop versus
Instantaneous Forward Current
VFM, FORWARD VOLTAGE DROP (VOLTS)
100
0.1
2
0.4
0
10
1
1.2
Figure 14. Reverse Biased Safe
Operating Area
VCE, COLLECTOR–TO–EMITTER VOLTAGE (VOLTS)
100
10
0.1
1000
1
1
50
125
150
IC = 20 A
TJ = 125°C
TJ = 25°C
100
10
0.8
1.5
15 A
10 A
0.8
1.6


Similar Part No. - MGW20N60D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGW20N120 MOTOROLA-MGW20N120 Datasheet
231Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGW20N120 ONSEMI-MGW20N120 Datasheet
139Kb / 5P
   Insulated Gate Bipolar Transistor
1997 REV 1
More results

Similar Description - MGW20N60D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGY20N120D MOTOROLA-MGY20N120D Datasheet
254Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
logo
ON Semiconductor
MGY20N120D ONSEMI-MGY20N120D Datasheet
171Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
REV 1
logo
Motorola, Inc
MGW12N120D MOTOROLA-MGW12N120D Datasheet
250Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
logo
ON Semiconductor
MGW12N120D ONSEMI-MGW12N120D Datasheet
168Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
1998 REV 2
logo
Motorola, Inc
MGV12N120D MOTOROLA-MGV12N120D Datasheet
79Kb / 4P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
logo
ON Semiconductor
MGP4N60ED ONSEMI-MGP4N60ED Datasheet
146Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
1998 REV 1
MGY25N120D ONSEMI-MGY25N120D Datasheet
171Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
REV 2
logo
Motorola, Inc
MGY40N60D MOTOROLA-MGY40N60D Datasheet
247Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
MGY25N120D MOTOROLA-MGY25N120D Datasheet
256Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
MGY30N60D MOTOROLA-MGY30N60D Datasheet
254Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com