Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LCX126F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74LCX126F
Description  Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX126F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74LCX126F_10 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX126F_10 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TC74LCX126F/FT/FK
2010-01-31
3
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
1.65 to 3.6
Power supply voltage
VCC
1.5 to 3.6 (Note 2)
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5
(Note 3)
Output voltage
VOUT
0 to VCC (Note 4)
V
±24
(Note 5)
Output current
IOH/IOL
±12
(Note 6)
mA
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
(Note 7)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: Data retention only
Note 3: Output in OFF state
Note 4: High or low state
Note 5: VCC = 3.0 to 3.6 V
Note 6: VCC = 2.7 to 3.0 V
Note 7: VIN = 0.8 to 2.0 V, VCC = 3.0 V


Similar Part No. - TC74LCX126F_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX126FK TOSHIBA-TC74LCX126FK Datasheet
239Kb / 9P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX126FT TOSHIBA-TC74LCX126FT Datasheet
239Kb / 9P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX126F_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX125F TOSHIBA-TC74LCX125F_07 Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX126F TOSHIBA-TC74LCX126F Datasheet
239Kb / 9P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX125F TOSHIBA-TC74LCX125F_12 Datasheet
226Kb / 11P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74VCX125FT TOSHIBA-TC74VCX125FT_07 Datasheet
262Kb / 12P
   Low-Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX2125FT TOSHIBA-TC74VCX2125FT Datasheet
244Kb / 10P
   Low Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74LCXZ240FT TOSHIBA-TC74LCXZ240FT Datasheet
238Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC7MZ541FK TOSHIBA-TC7MZ541FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
TC74LCXZ244FT TOSHIBA-TC74LCXZ244FT Datasheet
228Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCX541F TOSHIBA-TC74LCX541F_11 Datasheet
237Kb / 11P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC7MZ244FK TOSHIBA-TC7MZ244FK_07 Datasheet
184Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com