Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LCX125F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74LCX125F
Description  Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX125F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX125F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX125F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74LCX125F/FT/FK
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX125F,TC74LCX125FT,TC74LCX125FK
Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
The TC74LCX125 is a high-performance CMOS quad bus
buffers. Designed for use in 3.3-V systems, it achieves high-speed
operation while maintaining the CMOS low power dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5-V supply environment for
inputs.
This device requires the 3-state control input OE to be set
high to place the output into the high impedance state.
All inputs are equipped with protection circuits against static
discharge.
Features
Low-voltage operation: VCC = 1.65 to 3.6 V
High-speed operation: tpd = 6.0 ns (max) (VCC = 3.0 to 3.6 V)
Ouput current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
Latch-up performance: >±500 mA
Available in JEITA SOP, TSSOP and VSSOP (US)
Power-down protection is provided on all inputs and outputs
Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 125 type
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)
Note: The Electrical Characteristics of VCC=1.8±0.15V is only applicable for products which manufactured
from January 2009 onward.
.
TC74LCX125F
TC74LCX125FT
TC74LCX125FK


Similar Part No. - TC74LCX125F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX125FK TOSHIBA-TC74LCX125FK Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX125FN TOSHIBA-TC74LCX125FN Datasheet
277Kb / 8P
   LOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX125FN TOSHIBA-TC74LCX125FN Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX125FT TOSHIBA-TC74LCX125FT Datasheet
277Kb / 8P
   LOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX125FT TOSHIBA-TC74LCX125FT Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX125F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX126F TOSHIBA-TC74LCX126F_10 Datasheet
233Kb / 11P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX125F TOSHIBA-TC74LCX125F_07 Datasheet
276Kb / 10P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX126F TOSHIBA-TC74LCX126F Datasheet
239Kb / 9P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74VCX125FT TOSHIBA-TC74VCX125FT_07 Datasheet
262Kb / 12P
   Low-Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX2125FT TOSHIBA-TC74VCX2125FT Datasheet
244Kb / 10P
   Low Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74LCXZ240FT TOSHIBA-TC74LCXZ240FT Datasheet
238Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC7MZ541FK TOSHIBA-TC7MZ541FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
TC74LCXZ244FT TOSHIBA-TC74LCXZ244FT Datasheet
228Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCX541F TOSHIBA-TC74LCX541F_11 Datasheet
237Kb / 11P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC7MZ244FK TOSHIBA-TC7MZ244FK_07 Datasheet
184Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com