Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF50HG Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SF50HG
Description  SUPER-FAST GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SF50HG Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SF50HG Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SF50HG Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100V-600V
5.0A
SF50BG THRU SF50JG
SUPER-FAST GLASS PASSIVATED RECTIFIER
1 of 2
Mechanical Data
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Dimensions in inches and (millimeters)
0.210 (5.3)
0.190 (4.8)
Dia.
0.052 (1.32)
0.048 (1.22)
Dia.
1.0 (25.4)
Min.
0.375 (9.5)
0.285 (7.2)
1.0 (25.4)
Min.
DO-201AD
Glass passivated chip
Super fast switching time for high efficiency
Low forward voltage drop and high current capability
Low reverse leakage current
Plastic material has UL flammability classification 94V-0
Case : JEDEC DO-201AD molded plastic
Polarity : Color band denotes cathode
Weight : 0.04 ounces, 1.1 grams
Mounting position : Any
VRMS
VDC
VRRM
I(AV)
IFSM
VF
IR
@TJ =100 C
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Average Forward
Rectified Current
@TA=55 C
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 5.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =25 C
Typical Junction Capacitance (Note 2)
5.0
150
0.95
5
300
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 3)
R0JA
13
C/W
uA
uA
V
A
A
V
UNIT
V
V
CHARACTERISTICS
SYMBOL SF50BG
100
70
100
CJ
80
pF
Maximum Reverse Recovery Time (Note 1)
TRR
1.25
1.3
40
ns
SF50DG
200
140
200
SF50FG
300
210
300
SF50JG
600
420
400
SF50HG
500
350
500
SF50GG
400
280
400
NOTES : 1.Measured with IF=0.5A,IR=1.0A,IRR=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance Junction to Ambient.
60
50
35


Similar Part No. - SF50HG

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SF50HG LITEON-SF50HG Datasheet
36Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
More results

Similar Description - SF50HG

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ISF81 RECTRON-ISF81 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
SF301P MIC-SF301P Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
SF161C RECTRON-SF161C_03 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SF161CTD SEMTECH_ELEC-SF161CTD Datasheet
397Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
SF81R SEMTECH_ELEC-SF81R Datasheet
380Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Electronics ...
SF11G CHENDA-SF11G Datasheet
578Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
MURF1020 JINGHENG-MURF1020 Datasheet
55Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
MURF1020CT JINGHENG-MURF1020CT Datasheet
61Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com