Electronic Components Datasheet Search |
|
284T34F103A25AT Datasheet(PDF) 1 Page - CTS Corporation |
|
284T34F103A25AT Datasheet(HTML) 1 Page - CTS Corporation |
1 / 2 page Industrial 16mm Size Slim Conductive Plastic Precision Rotary Sensor Features Series 284 1 - 2 © 2012 CTS Corporation. All rights reserved. Information subject to change. 02/16/12 CTS Electrocomponents www.ctscorp.com Data Sheet Precision Potentiometer ® Electrocomponents Electrical and Mechanical Specifications Resistance Range 1 K through 500 K ohms, linear Resistance Tolerance Power Rating 0.25 watts @ 55°C Maximum Operating Voltage 350 VDC Rotation Angle Rotational Torque Stop Strength 9 kgf-cm minimum Mounting Information Insulation Resistance Dielectric Strength 500 VDC for 1 minute Push-Pull Strength of Shaft Rotational life Temperature Solder Heat Resistance Linearity Ingress Protection Rating Vibration 100 Megohms minimum @ 100 VDC Total Rotational Angle : 250° Effective Electrical Angle : 60°, 220° IP40 : 3~30 gf-cm IP54 & IP67 : 20~120 gf-cm ± 10%, ± 20% 13.6 kg for 10 seconds Bushing Mount ± 2% Operating : -40°C - 125°C Storage : -55°C - 150°C 350°C for 5 seconds IP40, IP54, IP67 15G, 10 to 2000 Hz 3M Cycles (60° Effective Electrical Angle) 2M Cycles (220° Effective Electrical Angle) Up to 3 Million Life Cycles |
Similar Part No. - 284T34F103A25AT |
|
Similar Description - 284T34F103A25AT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |