Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0218010.MXP Datasheet(PDF) 4 Page - Littelfuse

Part # 0218010.MXP
Description  218 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0218010.MXP Datasheet(HTML) 4 Page - Littelfuse

  0218010.MXP Datasheet HTML 1Page - Littelfuse 0218010.MXP Datasheet HTML 2Page - Littelfuse 0218010.MXP Datasheet HTML 3Page - Littelfuse 0218010.MXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
218 Series
5×20 mm > Time-Lag > 218 Series
Please refer to www.littelfuse.com/series/218.html for current information.
Dimensions
Packaging
0218 000P
20+0.5
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
40
22.5 MAX
5.8 MAX
0218016. XEP
0218.125 XEP
to
0218.100XEP
0218.032 XEP
to
0.65
0.65*
40
22.5 MAX
6.0 MAX
All dimensions in mm
Notes:
* Ratings above 6.3A
have 0.8 mm dia lead
Part Numbering System
0218 xxxx M X E P
Series
Amp Code
Refer to Amp Code column of
Electrical Characteristics Table
Lead-free
Quantity Code
M = 1000
Option Codes
Blank : Cartidge Type Fuse
E
: Axial Lead Fuse
Packaging Code
X = Filler
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Taping Width
218 Series
Bulk
1000
MX
Bulk
1000
MXE
Reel and Tape
EIA 296-E
1000
MRET1
Bulk
1000
MXG
Bulk
1000
MXB
Bulk
100


Similar Part No. - 0218010.MXP

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0218660000 WEIDMULLER-0218660000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
0218660000 WEIDMULLER-0218660000 Datasheet
1Mb / 52P
   SAK-series
0218680000 WEIDMULLER-0218680000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
logo
Tyco Electronics
021891-000 MACOM-021891-000 Datasheet
150Kb / 3P
   TINEL - LOCK ADAPTER
More results

Similar Description - 0218010.MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0215.125MRET1P LITTELFUSE-0215.125MRET1P Datasheet
359Kb / 5P
   215 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0201YA1R2CAQ2A LITTELFUSE-0201YA1R2CAQ2A Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032P LITTELFUSE-218032P Datasheet
293Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
021502.5MXESPP LITTELFUSE-021502.5MXESPP Datasheet
362Kb / 3P
   215SP Series, 5x20 mm, Time-Lag Fuse (Slo-Blo짰)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com