Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ4920EY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQ4920EY
Description  Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ4920EY Datasheet(HTML) 2 Page - Vishay Siliconix

  SQ4920EY Datasheet HTML 1Page - Vishay Siliconix SQ4920EY Datasheet HTML 2Page - Vishay Siliconix SQ4920EY Datasheet HTML 3Page - Vishay Siliconix SQ4920EY Datasheet HTML 4Page - Vishay Siliconix SQ4920EY Datasheet HTML 5Page - Vishay Siliconix SQ4920EY Datasheet HTML 6Page - Vishay Siliconix SQ4920EY Datasheet HTML 7Page - Vishay Siliconix SQ4920EY Datasheet HTML 8Page - Vishay Siliconix SQ4920EY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SQ4920EY
www.vishay.com
Vishay Siliconix
S12-1860-Rev. C, 13-Aug-12
2
Document Number: 66724
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 μA
30
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.5
2.0
2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 30 V
-
-
1.0
μA
VGS = 0 V
VDS = 30 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 30 V, TJ = 175 °C
-
-
150
On-State Drain Currenta
ID(on)
VGS = 10 V
VDS5 V
30
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V
ID = 5 A
-
0.016
0.0175
VGS = 10 V
ID = 6 A
-
0.013
0.0145
VGS = 10 V
ID = 6 A, TJ = 125 °C
-
-
0.024
VGS = 10 V
ID = 6 A, TJ = 175 °C
-
-
0.028
Forward Transconductancef
gfs
VDS = 15 V, ID = 6 A
-
43
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = 15 V, f = 1 MHz
-
1175
1465
pF
Output Capacitance
Coss
-
225
280
Reverse Transfer Capacitance
Crss
-
85
105
Total Gate Chargec
Qg
VGS = 10 V
VDS = 15 V, ID = 6.1 A
-
19.7
30
nC
Gate-Source Chargec
Qgs
-3.8
-
Gate-Drain Chargec
Qgd
-2.9
-
Gate Resistance
Rg
f = 1 MHz
2.5
-
7.5
Turn-On Delay Timec
td(on)
VDD = 15 V, RL = 15 
ID  1 A, VGEN = 10 V, Rg = 1 
-7
10
ns
Rise Timec
tr
-10
15
Turn-Off Delay Timec
td(off)
-25
37
Fall Timec
tf
-8
12
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
--
32
A
Forward Voltage
VSD
IF = 1.8 A, VGS = 0
-
0.75
1.1
V


Similar Part No. - SQ4920EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4920EY VISHAY-SQ4920EY Datasheet
206Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ4920EY VISHAY-SQ4920EY Datasheet
213Kb / 8P
   Automotive Dual N-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ4920EY VISHAY-SQ4920EY Datasheet
212Kb / 8P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
logo
VBsemi Electronics Co.,...
SQ4920EY-T1-GE3 VBSEMI-SQ4920EY-T1-GE3 Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SQ4920EY VISHAY-SQ4920EY_15 Datasheet
256Kb / 11P
   Automotive Dual N-Channel 30 V (D-S) 175 째C MOSFET
Rev. C, 13-Aug-12
More results

Similar Description - SQ4920EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ844EP VISHAY-SQJ844EP Datasheet
156Kb / 9P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 28-Nov-11
SQ4282EY VISHAY-SQ4282EY_15 Datasheet
259Kb / 11P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 24-Sep-12
SQJ910AEP VISHAY-SQJ910AEP_15 Datasheet
174Kb / 11P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 26-Aug-13
SQJ910AEP VISHAY-SQJ910AEP_V02 Datasheet
234Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4282EY VISHAY-SQ4282EY Datasheet
260Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 24-Sep-12
SQ4330EY VISHAY-SQ4330EY Datasheet
255Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ4936EY VISHAY-SQ4936EY Datasheet
257Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQJ844AEP VISHAY-SQJ844AEP_15 Datasheet
227Kb / 12P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 17-Aug-15
SQJ914EP VISHAY-SQJ914EP_V02 Datasheet
277Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4920EY VISHAY-SQ4920EY_V02 Datasheet
212Kb / 8P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com